Electronic Components Datasheet Search
  English  ▼

X  

RB491D Datasheet(PDF) 1 Page - Rohm

Part # RB491D
Description  Shottky barrier diode
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

RB491D Datasheet(HTML) 1 Page - Rohm

  RB491D Datasheet HTML 1Page - Rohm RB491D Datasheet HTML 2Page - Rohm RB491D Datasheet HTML 3Page - Rohm RB491D Datasheet HTML 4Page - Rohm RB491D Datasheet HTML 5Page - Rohm RB491D Datasheet HTML 6Page - Rohm RB491D Datasheet HTML 7Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Data Sheet
www.rohm.com
© 2011 ROHM Co., Ltd. All rights reserved.
Shottky barrier diode
RB491D
Application
Dimensions (Unit : mm)
Lead size figure (Unit : mm)
Low current rectification
1) Small mold type. (SMD3)
2) Low IR
3) High reliability.
Structure
Silicon epitaxial planar
Structure
Taping dimensions (Unit : mm)
Absolute maximum ratings (Ta=25
C)
Symbol
Unit
VRM
V
VR
V
Io
A
IFSM
A
Tj
°C
Tstg
°C
Electrical characteristics (Ta=25
C)
Symbol
Min.
Typ.
Max.
Unit
Conditions
VF
-
-
0.45
V
IF=1A
IR
-
-
200
μA
VR=20V
Parameter
Junction temperature
Storage temperature
(*1) Rating of per diode
25
Forward current surge peak (60Hz・1cyc) (*1)
3
125
40 to 125
Features
Forward voltage
Reverse current
Limits
20
1
Parameter
Reverse voltage (DC)
Average rectified forward voltage (*1)
Reverse voltage (repetitive peak)
SMD3
0.8MIN.
0.95
1.9
3.2±0.1
4.0±0.1
4.0±0.1
2.0±0.05
φ1.5±0.1
      0
1.35±0.1
φ1.05MIN
0.3±0.1
JEITA : SC-59
JEDEC :S0T-346
0.4
+0.1
-0.06
2.9±0.2
1.9±0.2
0.95
0.95
+0.1
 -0.05
各リードとも
同寸法
0~0.1
0.15
1.1±0.2
0.01
0.8±0.1
(2)
(1)
(3)
1.1
0.2
0.1
Each lead has same dimension
ROHM : SMD3
week code
1/3
2011.03 - Rev.D


Similar Part No. - RB491D

ManufacturerPart #DatasheetDescription
logo
Rohm
RB491D ROHM-RB491D Datasheet
57Kb / 2P
Schottky barrier diode
logo
Micro Commercial Compon...
RB491D MCC-RB491D Datasheet
158Kb / 2P
20 to 40 Volts 1Amp Surface Mount Schottky Barrier Diode
logo
Rohm
RB491D ROHM-RB491D Datasheet
205Kb / 4P
Shottky barrier diode
logo
TRANSYS Electronics Lim...
RB491D TEL-RB491D Datasheet
72Kb / 1P
Schottky barrier Diodes
logo
Galaxy Semi-Conductor H...
RB491D BILIN-RB491D Datasheet
181Kb / 3P
Schottky barrier diode
More results

Similar Description - RB491D

ManufacturerPart #DatasheetDescription
logo
Rohm
RSX071VA-30 ROHM-RSX071VA-30 Datasheet
65Kb / 3P
Shottky barrier diode
logo
Nihon Inter Electronics...
TCH20A15 NIEC-TCH20A15 Datasheet
54Kb / 6P
Shottky Barrier Diode
logo
Rohm
RB451F_ ROHM-RB451F_ Datasheet
189Kb / 4P
Shottky barrier diode
RB420D ROHM-RB420D_1 Datasheet
178Kb / 4P
Shottky barrier diode
RB480K ROHM-RB480K_1 Datasheet
205Kb / 4P
Shottky barrier diode
logo
Guangdong Kexin Industr...
RB715F KEXIN-RB715F Datasheet
42Kb / 1P
Shottky barrier diode
logo
Rohm
RSX051VA-30 ROHM-RSX051VA-30_1 Datasheet
143Kb / 4P
Shottky barrier diode
RB491DT146 ROHM-RB491DT146 Datasheet
344Kb / 4P
Shottky barrier diode
RB420DFH ROHM-RB420DFH Datasheet
761Kb / 6P
Shottky barrier diode
logo
Kyocera Kinseki Corpota...
UCQS20A045 KSS-UCQS20A045 Datasheet
1Mb / 7P
Shottky Barrier Diode
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com