Electronic Components Datasheet Search
  English  ▼

X  

RB491D Datasheet(PDF) 3 Page - Rohm

Part # RB491D
Description  Shottky barrier diode
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

RB491D Datasheet(HTML) 3 Page - Rohm

  RB491D Datasheet HTML 1Page - Rohm RB491D Datasheet HTML 2Page - Rohm RB491D Datasheet HTML 3Page - Rohm RB491D Datasheet HTML 4Page - Rohm RB491D Datasheet HTML 5Page - Rohm RB491D Datasheet HTML 6Page - Rohm RB491D Datasheet HTML 7Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
www.rohm.com
© 2011 ROHM Co., Ltd. All rights reserved.
Data Sheet
RB491D
REVERSE VOLTAGE:VR(V)
VR-PR CHARACTERISTICS
AMBIENT TEMPERATURE:Ta(℃)
Derating Curve゙(Io-Ta)
CASE TEMPARATURE:Tc(℃)
Derating Curve゙(Io-Tc)
0
0.05
0.1
0.15
0.2
0.25
0.3
0
5
10
15
20
Per chip
0
0.5
1
1.5
2
2.5
3
0
25
50
75
100
125
Per chip
0
0.5
1
1.5
2
2.5
3
0
25
50
75
100
125
Sin(θ=180)
DC
Per chip
Sin(θ=180)
DC
D=1/2
Sin(θ=180)
DC
D=1/2
T
Tj=125℃
D=t/T
t
VR
Io
VR=10V
0A
0V
T Tj=125℃
D=t/T
t
VR
Io
VR=10V
0A
0V
D=1/2
3/3
2011.03 - Rev.D



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com