Electronic Components Datasheet Search
  English  ▼

X  

MPC860EC Datasheet(PDF) 46 Page - Motorola, Inc

Part # MPC860EC
Description  Hardware Specification
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPC860EC Datasheet(HTML) 46 Page - Motorola, Inc

Back Button MPC860EC Datasheet HTML 42Page - Motorola, Inc MPC860EC Datasheet HTML 43Page - Motorola, Inc MPC860EC Datasheet HTML 44Page - Motorola, Inc MPC860EC Datasheet HTML 45Page - Motorola, Inc MPC860EC Datasheet HTML 46Page - Motorola, Inc MPC860EC Datasheet HTML 47Page - Motorola, Inc MPC860EC Datasheet HTML 48Page - Motorola, Inc MPC860EC Datasheet HTML 49Page - Motorola, Inc MPC860EC Datasheet HTML 50Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 76 page
background image
46
MPC860 Family Hardware Specifications
MOTOROLA
IDMA Controller AC Electrical Specifications
Figure 11-43. IDMA External Requests Timing Diagram
Figure 11-44. SDACK Timing Diagram—Peripheral Write, Externally-Generated TA
43
SDACK negation delay from clock low
—
12
ns
44
SDACK negation delay from TA low
—
20
ns
45
SDACK negation delay from clock high
—
15
ns
46
TA assertion to falling edge of the clock setup time (applies to
external TA)
7—
ns
Table 11-14. IDMA Controller Timing (continued)
Num
Characteristic
All Frequencies
Unit
Min
Max
41
40
DREQ
(Input)
CLKO
(Output)
DATA
42
46
43
CLKO
(Output)
TS
(Output)
R/W
(Output)
TA
(Input)
SDACK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com