Electronic Components Datasheet Search
  English  ▼

X  

MPC860EC Datasheet(PDF) 73 Page - Motorola, Inc

Part # MPC860EC
Description  Hardware Specification
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPC860EC Datasheet(HTML) 73 Page - Motorola, Inc

Back Button MPC860EC Datasheet HTML 68Page - Motorola, Inc MPC860EC Datasheet HTML 69Page - Motorola, Inc MPC860EC Datasheet HTML 70Page - Motorola, Inc MPC860EC Datasheet HTML 71Page - Motorola, Inc MPC860EC Datasheet HTML 72Page - Motorola, Inc MPC860EC Datasheet HTML 73Page - Motorola, Inc MPC860EC Datasheet HTML 74Page - Motorola, Inc MPC860EC Datasheet HTML 75Page - Motorola, Inc MPC860EC Datasheet HTML 76Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 73 / 76 page
background image
MOTOROLA
MPC860 Family Hardware Specifications
73
Mechanical Dimensions of the PBGA Package
14.2 Mechanical Dimensions of the PBGA Package
For more information on the printed circuit board layout of the PBGA package, including
thermal via design and suggested pad layout, please refer to Motorola Application Note,
Plastic Ball Grid Array (order number: AN1231/D), available from your local Motorola
sales office. Figure 14-75 shows the mechanical dimensions of the PBGA package.
Figure 14-75. Mechanical Dimensions and Bottom Surface Nomenclature
of the PBGA Package
W
V
U
T
R
P
N
M
L
K
J
H
G
F
E
D
C
B
A
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
SIDE VIEW
BOTTOM VIEW
18X
4X
357X
b
TOP VIEW
A2
A3
e
0.3 M C
D
A
A1
D2
0.15 M C
E
E2
0.2 C
A
B
0.2
D1
E1
AB
0.25 C
0.35 C
C
NOTES:
1. Dimensions and tolerancing per ASME Y14.5M, 1994.
2. Dimensions in millimeters.
3. Dimension b is the maximum solder ball diameter
measured parallel to datum C.
DIM
MIN
MAX
MILLIMETERS
A
---
2.05
0.50
0.70
A2
0.95
1.35
A3
0.70
0.90
b
0.60
0.90
D
25.00 BSC
D1
22.86 BSC
D2
22.40
22.60
e
1.27 BSC
E
25.00 BSC
E1
22.86 BSC
E2
22.40
22.60
A1
Case No. 1103-01



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com