Electronic Components Datasheet Search
  English  ▼

X  

MPC860EC Datasheet(PDF) 20 Page - Motorola, Inc

Part # MPC860EC
Description  Hardware Specification
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPC860EC Datasheet(HTML) 20 Page - Motorola, Inc

Back Button MPC860EC Datasheet HTML 16Page - Motorola, Inc MPC860EC Datasheet HTML 17Page - Motorola, Inc MPC860EC Datasheet HTML 18Page - Motorola, Inc MPC860EC Datasheet HTML 19Page - Motorola, Inc MPC860EC Datasheet HTML 20Page - Motorola, Inc MPC860EC Datasheet HTML 21Page - Motorola, Inc MPC860EC Datasheet HTML 22Page - Motorola, Inc MPC860EC Datasheet HTML 23Page - Motorola, Inc MPC860EC Datasheet HTML 24Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 76 page
background image
20
MPC860 Family Hardware Specifications
MOTOROLA
Bus Signal Timing
Figure 9-2 is the control timing diagram.
B41
TS valid to CLKOUT rising edge
(setup time)
7.00
—
7.00
—
7.00
—
7.00
—
ns
B42
CLKOUT rising edge to TS valid (hold
time)
2.00
—
2.00
—
2.00
—
2.00
—
ns
B43
AS negation to memory controller
signals negation
—
TBD
—
TBD
—
TBD
—
TBD
ns
1 Phase and frequency jitter performance results are only valid if the input jitter is less than the prescribed value.
2 If the rate of change of the frequency of EXTAL is slow (i.e., it does not jump between the minimum and maximum
values in one cycle) or the frequency of the jitter is fast (i.e., it does not stay at an extreme value for a long time) then
the maximum allowed jitter on EXTAL can be up to 2%.
3 The timings specified in B4 and B5 are based on full strength clock.
4 The timing for BR output is relevant when the MPC860 is selected to work with external bus arbiter. The timing for BG
output is relevant when the MPC860 is selected to work with internal bus arbiter.
5 The timing required for BR input is relevant when the MPC860 is selected to work with internal bus arbiter. The timing
for BG input is relevant when the MPC860 is selected to work with external bus arbiter.
6 The D(0:31) and DP(0:3) input timings B18 and B19 refer to the rising edge of the CLKOUT in which the TA input
signal is asserted.
7 The D(0:31) and DP(0:3) input timings B20 and B21 refer to the falling edge of the CLKOUT. This timing is valid only
for read accesses controlled by chip-selects under control of the UPM in the memory controller, for data beats where
DLT3 = 1 in the UPM RAM words. (This is only the case where data is latched on the falling edge of CLKOUT.)
8 The timing B30 refers to CS when ACS = 00 and to WE(0:3) when CSNT = 0.
9 The signal UPWAIT is considered asynchronous to the CLKOUT and synchronized internally. The timings specified
in B37 and B38 are specified to enable the freeze of the UPM output signals as described in Figure 9-17.
10 The AS signal is considered asynchronous to the CLKOUT. The timing B39 is specified in order to allow the behavior
specified in Figure 9-20.
Table 9-6. Bus Operation Timings (continued)
Num
Characteristic
33 MHz
40 MHz
50 MHz
66 MHz
Unit
Min
Max
Min
Max
Min
Max
Min
Max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com