Electronic Components Datasheet Search
  English  ▼

X  

PCI7621 Datasheet(PDF) 59 Page - Texas Instruments

Part # PCI7621
Description  DUAL SINGLE SOCKET CARDBUS AND ILTRAMEDIA CONTROLLER WITH INTEGRATED 1304-A - CONTROLLER WITH DEDICATED FLASH MEDIA SOCKET
PDF  298 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI7621 Datasheet(HTML) 59 Page - Texas Instruments

Back Button PCI7621 Datasheet HTML 55Page - Texas Instruments PCI7621 Datasheet HTML 56Page - Texas Instruments PCI7621 Datasheet HTML 57Page - Texas Instruments PCI7621 Datasheet HTML 58Page - Texas Instruments PCI7621 Datasheet HTML 59Page - Texas Instruments PCI7621 Datasheet HTML 60Page - Texas Instruments PCI7621 Datasheet HTML 61Page - Texas Instruments PCI7621 Datasheet HTML 62Page - Texas Instruments PCI7621 Datasheet HTML 63Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 298 page
background image
3−3
3.4.2
Device Resets
The following are the requirements for proper reset of the PCI7x21/PCI7x11 controller:
1.
GRST and PRST must both be asserted at power on.
2.
GRST must be asserted for at least 2 ms at power on
3.
PRST must be deasserted either at the same time or after GRST is asserted
4.
PCLK must be stable for 100
µs before PRST is deasserted.
VCC
GRST
PRST
PCLK
> 2 ms
> 0 ns
> 100
ms
Figure 3−3. PCI Reset Requirement
3.4.3
Serial EEPROM I2C Bus
The PCI7x21/PCI7x11 controller offers many choices for modes of operation, and these choices are selected by
programming several configuration registers. For system board applications, these registers are normally
programmed through the BIOS routine. For add-in card and docking-station/port-replicator applications, the
PCI7x21/PCI7x11 controller provides a two-wire inter-integrated circuit (IIC or I2C) serial bus for use with an external
serial EEPROM.
The PCI7x21/PCI7x11 controller is always the bus master, and the EEPROM is always the slave. Either device can
drive the bus low, but neither device drives the bus high. The high level is achieved through the use of pullup resistors
on the SCL and SDA signal lines. The PCI7x21/PCI7x11 controller is always the source of the clock signal, SCL.
System designers who wish to load register values with a serial EEPROM must use pullup resistors on the SCL and
SDA terminals. If the PCI7x21/PCI7x11 controller detects a logic-high level on the SCL terminal at the end of GRST,
then it initiates incremental reads from the external EEPROM. Any size serial EEPROM up to the I2C limit of 16 Kbits
can be used, but only the first 96 bytes (from offset 00h to offset 5Fh) are required to configure the PCI7x21/PCI7x11
controller. Figure 3−3 shows a serial EEPROM application.
In addition to loading configuration data from an EEPROM, the PCI7x21/PCI7x11 I2C bus can be used to read and
write from other I2C serial devices. A system designer can control the I2C bus, using the PCI7x21/PCI7x11 controller



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com