Electronic Components Datasheet Search
  English  ▼

X  

PCI7621 Datasheet(PDF) 66 Page - Texas Instruments

Part # PCI7621
Description  DUAL SINGLE SOCKET CARDBUS AND ILTRAMEDIA CONTROLLER WITH INTEGRATED 1304-A - CONTROLLER WITH DEDICATED FLASH MEDIA SOCKET
PDF  298 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI7621 Datasheet(HTML) 66 Page - Texas Instruments

Back Button PCI7621 Datasheet HTML 62Page - Texas Instruments PCI7621 Datasheet HTML 63Page - Texas Instruments PCI7621 Datasheet HTML 64Page - Texas Instruments PCI7621 Datasheet HTML 65Page - Texas Instruments PCI7621 Datasheet HTML 66Page - Texas Instruments PCI7621 Datasheet HTML 67Page - Texas Instruments PCI7621 Datasheet HTML 68Page - Texas Instruments PCI7621 Datasheet HTML 69Page - Texas Instruments PCI7621 Datasheet HTML 70Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 298 page
background image
3−10
PCI7x21/
PCI7x11
Current Limiting
R
≈ 150 Ω
Socket A
LED
MFUNCx
Current Limiting
R
≈ 150 Ω
Socket B
LED
MFUNCy
Figure 3−6. Two Sample LED Circuits
As indicated, the LED signals are driven for a period of 64 ms by a counter circuit. To avoid the possibility of the LEDs
appearing to be stuck when the PCI clock is stopped, the LED signaling is cut off when the SUSPEND signal is
asserted, when the PCI clock is to be stopped during the clock run protocol, or when in the D2 or D1 power state.
If any additional socket activity occurs during this counter cycle, then the counter is reset and the LED signal remains
driven. If socket activity is frequent (at least once every 64 ms), then the LED signals remain driven.
3.5.10 CardBus Socket Registers
The PCI7x21/PCI7x11 controller contains all registers for compatibility with the PCI Local Bus Specification and the
PC Card Standard. These registers, which exist as the CardBus socket registers, are listed in Table 3−7.
Table 3−7. CardBus Socket Registers
REGISTER NAME
OFFSET
Socket event
00h
Socket mask
04h
Socket present state
08h
Socket force event
0Ch
Socket control
10h
Reserved
14h−1Ch
Socket power management
20h
3.5.11 48-MHz Clock Requirements
The PCI7x21/PCI7x11 controller is designed to use an external 48-MHz clock connected to the CLK_48 terminal to
provide the reference for an internal oscillator circuit. This oscillator in turn drives a PLL circuit that generates the
various clocks required for the flash media function (Function 3) of the PCI7x21/PCI7x11 controller.
The 48-MHz clock is needed as follows in the designated states:
•
Power−up
Follow the power-up sequence
•
D0:
Clock must not be stopped
•
D1/D2/D3:
Clock can be stopped
•
D1/D2/D3hot to D0:
Need 10 clocks before D0 state
•
D3cold to D0:
Need 10 clocks before PRST de-assert
The 48-MHz clock must maintain a frequency of 48 MHz
± 0.8% over normal operating conditions. This clock must
maintain a duty cycle of 40% − 60%. The PCI7x21/PCI7x11 controller requires that the 48-MHz clock be running and
stable (a minimum of 10 clock pulses) before a GRST deassertion.
The following are typical specifications for crystals used with the PCI7x21/PCI7x11 controller in order to achieve the
required frequency accuracy and stability.
•
Crystal mode of operation: Fundamental
•
Frequency tolerance @ 25
°C: Total frequency variation for the complete circuit is ±100 ppm. A crystal with
±30 ppm frequency tolerance is recommended for adequate margin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com