Electronic Components Datasheet Search
  English  ▼

X  

PCI7621 Datasheet(PDF) 60 Page - Texas Instruments

Part # PCI7621
Description  DUAL SINGLE SOCKET CARDBUS AND ILTRAMEDIA CONTROLLER WITH INTEGRATED 1304-A - CONTROLLER WITH DEDICATED FLASH MEDIA SOCKET
PDF  298 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI7621 Datasheet(HTML) 60 Page - Texas Instruments

Back Button PCI7621 Datasheet HTML 56Page - Texas Instruments PCI7621 Datasheet HTML 57Page - Texas Instruments PCI7621 Datasheet HTML 58Page - Texas Instruments PCI7621 Datasheet HTML 59Page - Texas Instruments PCI7621 Datasheet HTML 60Page - Texas Instruments PCI7621 Datasheet HTML 61Page - Texas Instruments PCI7621 Datasheet HTML 62Page - Texas Instruments PCI7621 Datasheet HTML 63Page - Texas Instruments PCI7621 Datasheet HTML 64Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 298 page
background image
3−4
as bus master, by reading and writing PCI configuration registers. Setting bit 3 (SBDETECT) in the serial bus
control/status register (PCI offset B3h, see Section 4.50) causes the PCI7x21/PCI7x11 controller to route the SDA
and SCL signals to the SDA and SCL terminals, respectively. The read/write data, slave address, and byte addresses
are manipulated by accessing the serial bus data, serial bus index, and serial bus slave address registers (PCI offsets
B0h, B1h, and B2h; see Sections 4.47, 4.48, and 4.49, respectively).
EEPROM interface status information is communicated through the serial bus control and status register (PCI offset
B3h, see Section 4.50). Bit 3 (SBDETECT) in this register indicates whether or not the PCI7x21/PCI7x11 serial ROM
circuitry detects the pullup resistor on SCL. Any undefined condition, such as a missing acknowledge, results in bit
0 (ROM_ERR) being set. Bit 4 (ROMBUSY) is set while the subsystem ID register is loading (serial ROM interface
is busy).
The subsystem vendor ID for functions 2 and 3 is also loaded through EEPROM. The EEPROM load data goes to
all four functions from the serial EEPROM loader.
SCL
SDA
VCC
A0
A1
A2
SCL
SDA
PCI7x21/PCI7x11
Serial
ROM
Figure 3−4. Serial ROM Application
3.4.4
Functions 0 and 1 (CardBus) Subsystem Identification
The subsystem vendor ID register (PCI offset 40h, see Section 4.26) and subsystem ID register (PCI offset 42h, see
Section 4.27) make up a doubleword of PCI configuration space for functions 0 and 1. This doubleword register is
used for system and option card (mobile dock) identification purposes and is required by some operating systems.
Implementation of this unique identifier register is a PC 99/PC 2001 requirement.
The PCI7x21/PCI7x11 controller offers two mechanisms to load a read-only value into the subsystem registers. The
first mechanism relies upon the system BIOS providing the subsystem ID value. The default access mode to the
subsystem registers is read-only, but can be made read/write by clearing bit 5 (SUBSYSRW) in the system control
register (PCI offset 80h, see Section 4.29). Once this bit is cleared, the BIOS can write a subsystem identification
value into the registers at PCI offset 40h. The BIOS must set the SUBSYSRW bit such that the subsystem vendor
ID register and subsystem ID register are limited to read-only access. This approach saves the added cost of
implementing the serial electrically erasable programmable ROM (EEPROM).
In some conditions, such as in a docking environment, the subsystem vendor ID register and subsystem ID register
must be loaded with a unique identifier via a serial EEPROM. The PCI7x21/PCI7x11 controller loads the data from
the serial EEPROM after a reset of the primary bus. Note that the SUSPEND input gates the PCI reset from the entire
PCI7x21/PCI7x11 core, including the serial-bus state machine (see Section 3.8.6, Suspend Mode, for details on
using SUSPEND).
The PCI7x21/PCI7x11 controller provides a two-line serial-bus host controller that can interface to a serial EEPROM.
See Section 3.6, Serial EEPROM Interface, for details on the two-wire serial-bus controller and applications.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com