Electronic Components Datasheet Search
  English  ▼

X  

PCI7621 Datasheet(PDF) 112 Page - Texas Instruments

Part # PCI7621
Description  DUAL SINGLE SOCKET CARDBUS AND ILTRAMEDIA CONTROLLER WITH INTEGRATED 1304-A - CONTROLLER WITH DEDICATED FLASH MEDIA SOCKET
PDF  298 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI7621 Datasheet(HTML) 112 Page - Texas Instruments

Back Button PCI7621 Datasheet HTML 108Page - Texas Instruments PCI7621 Datasheet HTML 109Page - Texas Instruments PCI7621 Datasheet HTML 110Page - Texas Instruments PCI7621 Datasheet HTML 111Page - Texas Instruments PCI7621 Datasheet HTML 112Page - Texas Instruments PCI7621 Datasheet HTML 113Page - Texas Instruments PCI7621 Datasheet HTML 114Page - Texas Instruments PCI7621 Datasheet HTML 115Page - Texas Instruments PCI7621 Datasheet HTML 116Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 112 / 298 page
background image
4−22
Table 4−9. General Control Register Description
BIT
SIGNAL
TYPE
FUNCTION
15 ‡
FM_PWR_CTRL
_POL
RW
Flash media power control pin polarity. This bit controls the polarity of the MC_PWR_CTRL_0 and
MC_PWR_CTRL_1 terminals.
0 = MC_PWR_CTRL_x terminals are active low (default)
1 = MC_PWR_CTRL_x terminals are active high
14 ‡
SC_IF_SEL
RWU
Smart Card interface select. This bit controls the selection of the dedicated Smart Card interface
used by the controller.
0 = EMV interface selected (default)
1 = PCI7x10-style interface selected
Note: The PCI7x10-style interface is only allowed when bits 9−8 (FM_IF_SEL field) are 01. If bits
9−8 contain any other value, then this bit is 0. Care must be taken in the design to ensure that this
bit can be set to 1 at the same time that bits 9−8 are set to 01.
13 ‡
SIM_MODE
RW
When this bit is set, it reduces the query time for UltraMedia card types.
0 = Query time is unaffected (default)
1 = Query time is reduced for simulation purposes
12 ‡
IO_LIMIT_SEL
RW
When this bit is set, bit 0 in the I/O limit registers (PCI offsets 30h and 38h) for both CardBus functions
is set.
0 = Bit 0 in the I/O limit registers is 0 (default)
1 = Bit 0 in the I/O limit registers is 1
11 ‡
IO_BASE_SEL
RW
When this bit is set, bit 0 in the I/O base registers (PCI offsets 2Ch and 34h) for both CardBus functions
is set.
0 = Bit 0 in the I/O base registers is 0 (default)
1 = Bit 0 in the I/O base registers is 1
10 ‡
12V_SW_SEL
RW
Power switch select. This bit selects which power switch is implemented in the system.
0 = A 1.8-V capable power switch (TPS2228) is used (default)
1 = A 12-V capable power switch (TPS2226) is used
9−8 ‡
FM_IF_SEL
RW
Dedicated flash media interface selection. This field controls the mode of the dedicated flash media
interface.
00 = Flash media interface configured as SD/MMC socket + MS socket (default)
01 = Flash media interface configured as 2-in-1 (SD/MMC, MS) socket
10 = Flash media interface configured as 3-in-1 (SD/MMC, MS, SM/XD) socket
11 = Reserved
7 ‡
DISABLE_SC
RW
When this bit is set, the Smart Card function is completely nonaccessible and nonfunctional.
6 ‡
DISABLE_SD
RW
When this bit is set, the SD host controller function is completely nonaccessible and nonfunctional.
5 ‡
DISABLE_FM
RW
When this bit is set, the flash media function is completely nonaccessible and nonfunctional.
4 ‡
DISABLE_SKTB
RW
When this bit is set, CardBus socket B (function 1) is completely nonaccessible and nonfunctional.
3 ‡
DISABLE_OHCI
RW
When this bit is set, the OHCI 1394 controller function is completely nonaccessible and nonfunctional.
2 ‡
DED_SC_PWR_
CTRL
RW
Dedicated Smart Card power control. This bit determines how power to the dedicated Smart Card
socket is controlled.
0 = Controlled through the SC_PWR_CTRL terminal (default)
1 = Controlled through the VPP voltage of socket B of the CardBus power switch (the design
must ensure that this mode can only be set when CardBus socket B is disabled).
1−0 ‡
ARB_CTRL
RW
Controls top level PCI arbitration:
00 = 1394 OHCI priority
10 = Flash media/SD host priority
01 = CardBus priority
11 = Fair round robin
Note: When flash media/SD host priority is selected, there must be a two-level priority scheme with the
first level being a round robin between the flash media and SD host functions and the second level being
a round robin between the CardBus and 1394 functions.
‡ These bits are cleared only by the assertion of GRST.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com