Electronic Components Datasheet Search
  English  ▼

X  

PCI7621 Datasheet(PDF) 146 Page - Texas Instruments

Part # PCI7621
Description  DUAL SINGLE SOCKET CARDBUS AND ILTRAMEDIA CONTROLLER WITH INTEGRATED 1304-A - CONTROLLER WITH DEDICATED FLASH MEDIA SOCKET
PDF  298 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI7621 Datasheet(HTML) 146 Page - Texas Instruments

Back Button PCI7621 Datasheet HTML 142Page - Texas Instruments PCI7621 Datasheet HTML 143Page - Texas Instruments PCI7621 Datasheet HTML 144Page - Texas Instruments PCI7621 Datasheet HTML 145Page - Texas Instruments PCI7621 Datasheet HTML 146Page - Texas Instruments PCI7621 Datasheet HTML 147Page - Texas Instruments PCI7621 Datasheet HTML 148Page - Texas Instruments PCI7621 Datasheet HTML 149Page - Texas Instruments PCI7621 Datasheet HTML 150Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 146 / 298 page
background image
5−18
5.16 ExCA Memory Windows 0−4 End-Address High-Byte Registers
These registers contain the high nibble of the 16-bit memory window end address for memory windows 0, 1, 2, 3,
and 4. The lower 4 bits of these registers correspond to bits A23−A20 of the end address. In addition, the memory
window wait states are set in this register. See Table 5−12 for a complete description of the register contents.
Bit
7
6
5
4
3
2
1
0
Name
ExCA memory windows 0−4 end-address high-byte
Type
RW
RW
R
R
RW
RW
RW
RW
Default
0
0
0
0
0
0
0
0
Register:
ExCA memory window 0 end-address high-byte
Offset:
CardBus Socket Address + 813h:
Card A ExCA Offset 13h
Card B ExCA Offset 53h
Register:
ExCA memory window 1 end-address high-byte
Offset:
CardBus Socket Address + 81Bh:
Card A ExCA Offset 1Bh
Card B ExCA Offset 5Bh
Register:
ExCA memory window 2 end-address high-byte
Offset:
CardBus Socket Address + 823h:
Card A ExCA Offset 23h
Card B ExCA Offset 63h
Register:
ExCA memory window 3 end-address high-byte
Offset:
CardBus Socket Address + 82Bh:
Card A ExCA Offset 2Bh
Card B ExCA Offset 6Bh
Register:
ExCA Memory window 4 end-address high-byte
Offset:
CardBus Socket Address + 833h:
Card A ExCA Offset 33h
Card B ExCA Offset 73h
Type:
Read/Write, Read-only
Default:
00h
Table 5−12. ExCA Memory Windows 0−4 End-Address High-Byte Registers Description
BIT
SIGNAL
TYPE
FUNCTION
7−6
MEMWS
RW
Wait state. These bits specify the number of equivalent ISA wait states to be added to 16-bit memory
accesses. The number of wait states added is equal to the binary value of these 2 bits.
5−4
RSVD
R
Reserved. These bits return 0s when read. Writes have no effect.
3−0
ENDHN
RW
End-address high nibble. These bits represent the upper address bits A23−A20 of the memory window end
address.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com