Electronic Components Datasheet Search
  English  ▼

X  

PCI7621 Datasheet(PDF) 151 Page - Texas Instruments

Part # PCI7621
Description  DUAL SINGLE SOCKET CARDBUS AND ILTRAMEDIA CONTROLLER WITH INTEGRATED 1304-A - CONTROLLER WITH DEDICATED FLASH MEDIA SOCKET
PDF  298 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI7621 Datasheet(HTML) 151 Page - Texas Instruments

Back Button PCI7621 Datasheet HTML 147Page - Texas Instruments PCI7621 Datasheet HTML 148Page - Texas Instruments PCI7621 Datasheet HTML 149Page - Texas Instruments PCI7621 Datasheet HTML 150Page - Texas Instruments PCI7621 Datasheet HTML 151Page - Texas Instruments PCI7621 Datasheet HTML 152Page - Texas Instruments PCI7621 Datasheet HTML 153Page - Texas Instruments PCI7621 Datasheet HTML 154Page - Texas Instruments PCI7621 Datasheet HTML 155Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 151 / 298 page
background image
5−23
5.21 ExCA I/O Windows 0 and 1 Offset-Address Low-Byte Registers
These registers contain the low byte of the 16-bit I/O window offset address for I/O windows 0 and 1. The 8 bits of
these registers correspond to the lower 8 bits of the offset address, and bit 0 is always 0.
Bit
7
6
5
4
3
2
1
0
Name
ExCA I/O windows 0 and 1 offset-address low-byte
Type
RW
RW
RW
RW
RW
RW
RW
R
Default
0
0
0
0
0
0
0
0
Register:
ExCA I/O window 0 offset-address low-byte
Offset:
CardBus Socket Address + 836h:
Card A ExCA Offset 36h
Card B ExCA Offset 76h
Register:
ExCA I/O window 1 offset-address low-byte
Offset:
CardBus Socket Address + 838h:
Card A ExCA Offset 38h
Card B ExCA Offset 78h
Type:
Read/Write, Read-only
Default:
00h
5.22 ExCA I/O Windows 0 and 1 Offset-Address High-Byte Registers
These registers contain the high byte of the 16-bit I/O window offset address for I/O windows 0 and 1. The 8 bits of
these registers correspond to the upper 8 bits of the offset address.
Bit
7
6
5
4
3
2
1
0
Name
ExCA I/O windows 0 and 1 offset-address high-byte
Type
RW
RW
RW
RW
RW
RW
RW
RW
Default
0
0
0
0
0
0
0
0
Register:
ExCA I/O window 0 offset-address high-byte
Offset:
CardBus Socket Address + 837h:
Card A ExCA Offset 37h
Card B ExCA Offset 77h
Register:
ExCA I/O window 1 offset-address high-byte
Offset:
CardBus Socket Address + 839h:
Card A ExCA Offset 39h
Card B ExCA Offset 79h
Type:
Read/Write
Default:
00h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com