Electronic Components Datasheet Search
  English  ▼

X  

PCI7621 Datasheet(PDF) 165 Page - Texas Instruments

Part # PCI7621
Description  DUAL SINGLE SOCKET CARDBUS AND ILTRAMEDIA CONTROLLER WITH INTEGRATED 1304-A - CONTROLLER WITH DEDICATED FLASH MEDIA SOCKET
PDF  298 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI7621 Datasheet(HTML) 165 Page - Texas Instruments

Back Button PCI7621 Datasheet HTML 161Page - Texas Instruments PCI7621 Datasheet HTML 162Page - Texas Instruments PCI7621 Datasheet HTML 163Page - Texas Instruments PCI7621 Datasheet HTML 164Page - Texas Instruments PCI7621 Datasheet HTML 165Page - Texas Instruments PCI7621 Datasheet HTML 166Page - Texas Instruments PCI7621 Datasheet HTML 167Page - Texas Instruments PCI7621 Datasheet HTML 168Page - Texas Instruments PCI7621 Datasheet HTML 169Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 165 / 298 page
background image
7−5
7.5
Class Code and Revision ID Register
The class code and revision ID register categorizes the PCI7x21/PCI7x11 controller as a serial bus controller (0Ch),
controlling an IEEE 1394 bus (00h), with an OHCI programming model (10h). Furthermore, the TI chip revision is
indicated in the least significant byte. See Table 7−4 for a complete description of the register contents.
Bit
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
Name
Class code and revision ID
Type
R
R
R
R
R
R
R
R
R
R
R
R
R
R
R
R
Default
0
0
0
0
1
1
0
0
0
0
0
0
0
0
0
0
Bit
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Name
Class code and revision ID
Type
R
R
R
R
R
R
R
R
R
R
R
R
R
R
R
R
Default
0
0
0
1
0
0
0
0
0
0
0
0
0
0
0
0
Register:
Class code and revision ID
Offset:
08h
Type:
Read-only
Default:
0C00 1000h
Table 7−4. Class Code and Revision ID Register Description
BIT
FIELD NAME
TYPE
DESCRIPTION
31−24
BASECLASS
R
Base class. This field returns 0Ch when read, which broadly classifies the function as a serial bus
controller.
23−16
SUBCLASS
R
Subclass. This field returns 00h when read, which specifically classifies the function as controlling an
IEEE 1394 serial bus.
15−8
PGMIF
R
Programming interface. This field returns 10h when read, which indicates that the programming model
is compliant with the 1394 Open Host Controller Interface Specification.
7−0
CHIPREV
R
Silicon revision. This field returns 00h when read, which indicates the silicon revision of the
PCI7x21/PCI7x11 controller.
7.6
Latency Timer and Class Cache Line Size Register
The latency timer and class cache line size register is programmed by host BIOS to indicate system cache line size
and the latency timer associated with the PCI7x21/PCI7x11 controller. See Table 7−5 for a complete description of
the register contents.
Bit
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Name
Latency timer and class cache line size
Type
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
Default
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
Register:
Latency timer and class cache line size
Offset:
0Ch
Type:
Read/Write
Default:
0000h
Table 7−5. Latency Timer and Class Cache Line Size Register Description
BIT
FIELD NAME
TYPE
DESCRIPTION
15−8
LATENCY_TIMER
RW
PCI latency timer. The value in this register specifies the latency timer for the PCI7x21/PCI7x11 controller,
in units of PCI clock cycles. When the PCI7x21/PCI7x11 controller is a PCI bus initiator and asserts
FRAME, the latency timer begins counting from zero. If the latency timer expires before the
PCI7x21/PCI7x11 transaction has terminated, then the PCI7x21/PCI7x11 controller terminates the
transaction when its GNT is deasserted. The default value for this field is 00h.
7−0
CACHELINE_SZ
RW
Cache line size. This value is used by the PCI7x21/PCI7x11 controller during memory write and invalidate,
memory-read line, and memory-read multiple transactions. The default value for this field is 00h.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com