Electronic Components Datasheet Search
  English  ▼

X  

PCI7621 Datasheet(PDF) 189 Page - Texas Instruments

Part # PCI7621
Description  DUAL SINGLE SOCKET CARDBUS AND ILTRAMEDIA CONTROLLER WITH INTEGRATED 1304-A - CONTROLLER WITH DEDICATED FLASH MEDIA SOCKET
PDF  298 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI7621 Datasheet(HTML) 189 Page - Texas Instruments

Back Button PCI7621 Datasheet HTML 185Page - Texas Instruments PCI7621 Datasheet HTML 186Page - Texas Instruments PCI7621 Datasheet HTML 187Page - Texas Instruments PCI7621 Datasheet HTML 188Page - Texas Instruments PCI7621 Datasheet HTML 189Page - Texas Instruments PCI7621 Datasheet HTML 190Page - Texas Instruments PCI7621 Datasheet HTML 191Page - Texas Instruments PCI7621 Datasheet HTML 192Page - Texas Instruments PCI7621 Datasheet HTML 193Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 189 / 298 page
background image
8−9
8.9
Bus Options Register
The bus options register externally maps to the second quadlet of the Bus_Info_Block. See Table 8−7 for a complete
description of the register contents.
Bit
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
Name
Bus options
Type
RW
RW
RW
RW
RW
R
R
R
RW
RW
RW
RW
RW
RW
RW
RW
Default
X
X
X
X
0
0
0
0
X
X
X
X
X
X
X
X
Bit
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Name
Bus options
Type
RW
RW
RW
RW
R
R
R
R
RW
RW
R
R
R
R
R
R
Default
1
0
1
0
0
0
0
0
X
X
0
0
0
0
1
0
Register:
Bus options
Offset:
20h
Type:
Read/Write, Read-only
Default:
X0XX A0X2h
Table 8−7. Bus Options Register Description
BIT
FIELD NAME
TYPE
DESCRIPTION
31
irmc
RW
Isochronous resource-manager capable. IEEE 1394 bus-management field. Must be valid when bit 17
(linkEnable) in the host controller control register at OHCI offset 50h/54h (see Section 8.16) is set to 1.
The default value for this bit is 0.
30
cmc
RW
Cycle master capable. IEEE 1394 bus-management field. Must be valid when bit 17 (linkEnable) in the
host controller control register at OHCI offset 50h/54h (see Section 8.16) is set to 1. The default value for
this bit is 0.
29
isc
RW
Isochronous support capable. IEEE 1394 bus-management field. Must be valid when bit 17 (linkEnable)
in the host controller control register at OHCI offset 50h/54h (see Section 8.16) is set to 1. The default
value for this bit is 0.
28
bmc
RW
Bus manager capable. IEEE 1394 bus-management field. Must be valid when bit 17 (linkEnable) in the
host controller control register at OHCI offset 50h/54h (see Section 8.16) is set to 1. The default value for
this bit is 0.
27
pmc
RW
Power-management capable. IEEE 1394 bus-management field. When bit 27 is set to 1, this indicates that
the node is power-management capable. Must be valid when bit 17 (linkEnable) in the host controller
control register at OHCI offset 50h/54h (see Section 8.16) is set to 1. The default value for this bit is 0.
26−24
RSVD
R
Reserved. Bits 26−24 return 0s when read.
23−16
cyc_clk_acc
RW
Cycle master clock accuracy, in parts per million. IEEE 1394 bus-management field. Must be valid when
bit 17 (linkEnable) in the host controller control register at OHCI offset 50h/54h (see Section 8.16) is set
to 1. The default value for this field is 00h.
15−12 ‡
max_rec
RW
Maximum request. IEEE 1394 bus-management field. Hardware initializes this field to indicate the
maximum number of bytes in a block request packet that is supported by the implementation. This value,
max_rec_bytes, must be 512 or greater, and is calculated by 2^(max_rec + 1). Software may change this
field; however, this field must be valid at any time bit 17 (linkEnable) in the host controller control register
at OHCI offset 50h/54h (see Section 8.16) is set to 1. A received block write request packet with a length
greater than max_rec_bytes may generate an ack_type_error. This field is not affected by a software reset,
and defaults to value indicating 2048 bytes on a system (hardware) reset. The default value for this field
is Ah.
11−8
RSVD
R
Reserved. Bits 11−8 return 0s when read.
7−6
g
RW
Generation counter. This field is incremented if any portion of the configuration ROM has been
incremented since the prior bus reset.
5−3
RSVD
R
Reserved. Bits 5−3 return 0s when read.
2−0
Lnk_spd
R
Link speed. This field returns 010, indicating that the link speeds of 100M bits/s, 200M bits/s, and
400M bits/s are supported.
‡ These bits are cleared only by the assertion of GRST.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com