Electronic Components Datasheet Search
  English  ▼

X  

PCI7621 Datasheet(PDF) 241 Page - Texas Instruments

Part # PCI7621
Description  DUAL SINGLE SOCKET CARDBUS AND ILTRAMEDIA CONTROLLER WITH INTEGRATED 1304-A - CONTROLLER WITH DEDICATED FLASH MEDIA SOCKET
PDF  298 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI7621 Datasheet(HTML) 241 Page - Texas Instruments

Back Button PCI7621 Datasheet HTML 237Page - Texas Instruments PCI7621 Datasheet HTML 238Page - Texas Instruments PCI7621 Datasheet HTML 239Page - Texas Instruments PCI7621 Datasheet HTML 240Page - Texas Instruments PCI7621 Datasheet HTML 241Page - Texas Instruments PCI7621 Datasheet HTML 242Page - Texas Instruments PCI7621 Datasheet HTML 243Page - Texas Instruments PCI7621 Datasheet HTML 244Page - Texas Instruments PCI7621 Datasheet HTML 245Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 241 / 298 page
background image
11−3
11.3 Command Register
The command register provides control over the PCI7x21/PCI7x11 interface to the PCI bus. All bit functions adhere
to the definitions in the PCI Local Bus Specification, as seen in the following bit descriptions. See Table 11−2 for a
complete description of the register contents.
Bit
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Name
Command
Type
R
R
R
R
R
RW
R
RW
R
RW
R
RW
R
RW
RW
R
Default
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
Register:
Command
Offset:
04h
Type:
Read/Write, Read-only
Default:
0000h
Table 11−2. Command Register Description
BIT
FIELD NAME
TYPE
DESCRIPTION
15−11
RSVD
R
Reserved. Bits 15−11 return 0s when read.
10
INT_DISABLE
RW
INTx disable. When set to 1, this bit disables the function from asserting interrupts on the INTx signals.
0 = INTx assertion is enabled (default)
1 = INTx assertion is disabled
9
FBB_ENB
R
Fast back-to-back enable. The flash media interface does not generate fast back-to-back transactions;
therefore, bit 9 returns 0 when read.
8
SERR_ENB
RW
SERR enable. When bit 8 is set to 1, the flash media interface SERR driver is enabled. SERR can be
asserted after detecting an address parity error on the PCI bus.
7
STEP_ENB
R
Address/data stepping control. The flash media interface does not support address/data stepping;
therefore, bit 7 is hardwired to 0.
6
PERR_ENB
RW
Parity error enable. When bit 6 is set to 1, the flash media interface is enabled to drive PERR response
to parity errors through the PERR signal.
5
VGA_ENB
R
VGA palette snoop enable. The flash media interface does not feature VGA palette snooping;
therefore, bit 5 returns 0 when read.
4
MWI_ENB
RW
Memory write and invalidate enable. The flash media controller does not generate memory write
invalidate transactions; therefore, bit 4 returns 0 when read.
3
SPECIAL
R
Special cycle enable. The flash media interface does not respond to special cycle transactions;
therefore, bit 3 returns 0 when read.
2
MASTER_ENB
RW
Bus master enable. When bit 2 is set to 1, the flash media interface is enabled to initiate cycles on the
PCI bus.
1
MEMORY_ENB
RW
Memory response enable. Setting bit 1 to 1 enables the flash media interface to respond to memory
cycles on the PCI bus.
0
IO_ENB
R
I/O space enable. The flash media interface does not implement any I/O-mapped functionality;
therefore, bit 0 returns 0 when read.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com