Electronic Components Datasheet Search
  English  ▼

X  

PCI7621 Datasheet(PDF) 280 Page - Texas Instruments

Part # PCI7621
Description  DUAL SINGLE SOCKET CARDBUS AND ILTRAMEDIA CONTROLLER WITH INTEGRATED 1304-A - CONTROLLER WITH DEDICATED FLASH MEDIA SOCKET
PDF  298 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI7621 Datasheet(HTML) 280 Page - Texas Instruments

Back Button PCI7621 Datasheet HTML 276Page - Texas Instruments PCI7621 Datasheet HTML 277Page - Texas Instruments PCI7621 Datasheet HTML 278Page - Texas Instruments PCI7621 Datasheet HTML 279Page - Texas Instruments PCI7621 Datasheet HTML 280Page - Texas Instruments PCI7621 Datasheet HTML 281Page - Texas Instruments PCI7621 Datasheet HTML 282Page - Texas Instruments PCI7621 Datasheet HTML 283Page - Texas Instruments PCI7621 Datasheet HTML 284Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 280 / 298 page
background image
13−8
13.11 Subsystem Identification Register
This register is read-update and can be modified through the subsystem ID alias register. This register has no effect
to the functionality. Default value is 8035h. This default value complies with the WLP (Windows Logo Program)
requirements without BIOS or EEPROM configuration. All bits in this register are reset by GRST only.
Bit
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Name
Subsystem identification
Type
RU
RU
RU
RU
RU
RU
RU
RU
RU
RU
RU
RU
RU
RU
RU
RU
Default
1
0
0
0
0
0
0
0
0
0
1
1
0
1
0
1
Register:
Subsystem identification
Offset:
2Eh
Type:
Read/Update
Default:
8035h
13.12 Capabilities Pointer Register
The power management capabilities pointer register provides a pointer into the PCI configuration header where the
power-management register block resides. Since the PCI power management registers begin at 44h, this read-only
register is hardwired to 44h.
Bit
7
6
5
4
3
2
1
0
Name
Capabilities pointer
Type
R
R
R
R
R
R
R
R
Default
0
1
0
0
0
1
0
0
Register:
Capabilities pointer
Offset:
34h
Type:
Read-only
Default:
44h
13.13 Interrupt Line Register
The interrupt line register is programmed by the system and indicates to the software which interrupt line the Smart
Card interface has assigned to it. The default value of this register is FFh, indicating that an interrupt line has not yet
been assigned to the function.
Bit
7
6
5
4
3
2
1
0
Name
Interrupt line
Type
RW
RW
RW
RW
RW
RW
RW
RW
Default
1
1
1
1
1
1
1
1
Register:
Interrupt line
Offset:
3Ch
Type:
Read/Write
Default:
FFh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com