Electronic Components Datasheet Search
  English  ▼

X  

ACPL-P346 Datasheet(PDF) 1 Page - AVAGO TECHNOLOGIES LIMITED

Part # ACPL-P346
Description  Rail-to-rail output voltage
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ACPL-P346 Datasheet(HTML) 1 Page - AVAGO TECHNOLOGIES LIMITED

  ACPL-P346 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED ACPL-P346 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED ACPL-P346 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED ACPL-P346 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED ACPL-P346 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED ACPL-P346 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED ACPL-P346 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ACPL-P346 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED ACPL-P346 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
ACPL-P346 and ACPL-W346
2.5 Amp Output Current Power & SiC MOSFET Gate Drive Optocoupler
with Rail-to-Rail Output Voltage in Stretched SO6
Data Sheet
CAUTION: It is advised that normal static precautions be taken in handling and assembly
of this component to prevent damage and/or degradation which may be induced by ESD.
Truth Table
LED
VCC – VEE
“POSITIVE GOING”
(i.e., TURN-ON)
VCC – VEE
“NEGATIVE GOING”
(i.e., TURN-OFF)
VO
OFF
0 - 20 V
0 – 20 V
LOW
ON
0 – 8.1 V
0 – 7.1 V
LOW
ON
8.1 – 9.1 V
7.1 – 8.1 V
TRANSITION
ON
9.1 – 20V
8.1 – 20 V
HIGH
Description
The ACPL-P346/W346 contains an AlGaAs LED, which is
optically coupled to an integrated circuit with a power
output stage. This optocoupler is ideally suited for driving
power and SiC(Silicon Carbide) MOSFETs used in inverter
or AC-DC/DC-DC converter applications. The high operat-
ing voltage range of the output stage provides the drive
voltages required by gate controlled devices. The voltage
and high peak output current supplied by this optocou-
pler make it ideally suited for direct driving MOSFETs at
high frequency for high efficiency conversion. The ACPL-
P346 and ACPL-W346 have the highest insulation voltage
of VIORM= 891Vpeak and VIORM= 1140Vpeak respectively in
the IEC/ EN/DIN EN 60747-5-5.
Functional Diagram
Features
• 2.5 A maximum peak output current
• 2.0 A minimum peak output current
• Rail-to-rail output voltage
• 120 ns maximum propagation delay
• 50 ns maximum propagation delay difference
• LED current input with hysteresis
• 50 kV/µs minimum Common Mode Rejection (CMR) at
VCM = 1500 V
• ICC = 4.0 mA maximum supply current
• Under Voltage Lock-Out protection (UVLO) with
hysteresis
• Wide operating VCC Range: 10 to 20 V
• Industrial temperature range: -40 °C to 105 °C
• Safety Approval
- UL Recognized 3750/5000 VRMS for 1min.
- CSA
- IEC/EN/DIN EN 60747-5-5 VIORM = 891/1140 Vpeak
Applications
• Power and SiC MOSFET gate drive
• AC and Brushless DC motor drives
• Switching power supplies
VCC
VOUT
VEE
1
2
3
6
5
4
CATHODE
NC
ANODE
Note: A 1 µF bypass capacitor must be connected between pins VCC and
VEE.


Similar Part No. - ACPL-P346

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
ACPL-P346 BOARDCOM-ACPL-P346 Datasheet
1Mb / 20P
2.5-Amp Output Current Power, GaN and SiC MOSFET Gate Drive Optocoupler with Rail-to-Rail Output
More results

Similar Description - ACPL-P346

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMV321 TI-LMV321 Datasheet
792Kb / 31P
LOW-VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
logo
Global Mixed-mode Techn...
G1201A GMT-G1201A Datasheet
398Kb / 1P
Output Rail-to-Rail
logo
Texas Instruments
LMV321DBVR TI-LMV321DBVR Datasheet
1Mb / 45P
LOW-VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
logo
Silicon Touch Technolog...
PH311 SITI-PH311 Datasheet
292Kb / 11P
Rail-to-Rail Output
logo
AVAGO TECHNOLOGIES LIMI...
ACNW3410 AVAGO-ACNW3410 Datasheet
1Mb / 15P
Rail-to-rail output voltage
logo
Silicon Laboratories
SI826X SILABS-SI826X Datasheet
1Mb / 40P
Rail-to-rail output voltage
logo
Analog Devices
ADA4610-1 AD-ADA4610-1 Datasheet
750Kb / 25P
Rail-to-rail output
Rev. G
logo
AVAGO TECHNOLOGIES LIMI...
ACNW3430 AVAGO-ACNW3430 Datasheet
1Mb / 16P
Rail-to-rail output voltage
ACPL-336J AVAGO-ACPL-336J Datasheet
825Kb / 18P
Rail-to-rail output voltage
ACPL-337J AVAGO-ACPL-337J Datasheet
835Kb / 18P
Rail-to-rail output voltage
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com