Electronic Components Datasheet Search
  English  ▼

X  

ACPL-P346 Datasheet(PDF) 3 Page - AVAGO TECHNOLOGIES LIMITED

Part # ACPL-P346
Description  Rail-to-rail output voltage
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ACPL-P346 Datasheet(HTML) 3 Page - AVAGO TECHNOLOGIES LIMITED

  ACPL-P346 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED ACPL-P346 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED ACPL-P346 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED ACPL-P346 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED ACPL-P346 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED ACPL-P346 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED ACPL-P346 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ACPL-P346 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED ACPL-P346 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
3
Package Outline Drawings
ACPL-P346 Stretched SO-6 Package (7 mm clearance)
ACPL-W346 Stretched SO-6 Package (8 mm clearance)
7°
7°
45°
5° NOM.
0.381 ±0.127
(0.015 ±0.005)
1.27 (0.050) BSG
4.580 +0.254
0
7°
7°
3.180 ±0.127
(0.125 ±0.005)
1.590 ±0.127
(0.063 ±0.005)
0.254 ±0.050
(0.010 ±0.002)
9.7 ±0.250
(0.382 ±0.010)
Floating Lead Protusions max. 0.25 (0.01)
Dimensions in Millimeters (Inches)
Lead Coplanarity = 0.1 mm (0.004 Inches)
0.180 +0.010
0.000
(
)
1 ±0.250
(0.040 ±0.010)
0.20 ±0.10
(0.008 ±0.004)
7.62 (0.300)
6.81 (0.268)
0.45 (0.018)
10.7
(0.421)
1.27 (0.05)
0.76 (0.03)
2.16
(0.085)
Land Pattern Recommendation
45°
7°
7°
2
1
3
4
5
6
7°
7°
0.381 ±0.127
(0.015 ±0.005)
0.20 ±0.10
(0.008 ±0.004)
Floating Lead Protusions max. 0.25 (0.01)
Dimensions in Millimeters (Inches)
Lead Coplanarity = 0.1 mm (0.004 Inches)
4.580 +0.254
0
0.180 +0.010
0.000
(
)
6.807 +0.127
0
0.268 +0.005
0.000
(
)
1.27 (0.050) BSG
35° NOM.
0.750 ±0.250
(0.0295 ±0.010)
11.500 ±0.25
(0.453 ±0.010)
0.254 ±0.050
(0.010 ±0.002)
1.590 ±0.127
(0.063 ±0.005)
3.180 ±0.127
(0.125 ±0.005)
0.45 (0.018)
7.62 (0.300)
12.65
(0.5)
1.27 (0.05)
0.76 (0.03)
1.905
(0.075)
Land Pattern Recommendation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com