Electronic Components Datasheet Search
  English  ▼

X  

ACPL-P346 Datasheet(PDF) 5 Page - AVAGO TECHNOLOGIES LIMITED

Part # ACPL-P346
Description  Rail-to-rail output voltage
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ACPL-P346 Datasheet(HTML) 5 Page - AVAGO TECHNOLOGIES LIMITED

  ACPL-P346 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED ACPL-P346 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED ACPL-P346 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED ACPL-P346 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED ACPL-P346 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED ACPL-P346 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED ACPL-P346 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ACPL-P346 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED ACPL-P346 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
5
Table 2. Insulation and Safety Related Specifications
Parameter
Symbol
ACPL-P346
ACPL-W346 Units
Conditions
Minimum External
Air Gap (Clearance)
L(101)
7.0
8.0
mm
Measured from input terminals to output terminals,
shortest distance through air.
Minimum External
Tracking (Creepage)
L(102)
8.0
8.0
mm
Measured from input terminals to output terminals,
shortest distance path along body.
Minimum Internal
Plastic Gap
(Internal Clearance)
0.08
0.08
mm
Through insulation distance conductor to conductor,
usually the straight line distance thickness between
the emitter and detector.
Tracking Resistance
(Comparative Tracking
Index)
CTI
> 175
> 175
V
DIN IEC 112/VDE 0303 Part 1
Isolation Group
IIIa
IIIa
Material Group (DIN VDE 0110, 1/89, Table 1)
Notes:
1. All Avago data sheets report the creepage and clearance inherent to the optocoupler component itself. These dimensions are needed as a starting
point for the equipment designer when determining the circuit insulation requirements. However, once mounted on a printed circuit board,
minimum creepage and clearance requirements must be met as specified for individual equipment standards. For creepage, the shortest distance
path along the surface of a printed circuit board between the solder fillets of the input and output leads must be considered (the recommended
Land Pattern does not necessarily meet the minimum creepage of the device). There are recommended techniques such as grooves and ribs which
may be used on a printed circuit board to achieve desired creepage and clearances. Creepage and clearance distances will also change depending
on factors such as pollution degree and insulation level.
Table 3. Absolute Maximum Ratings
Parameter
Symbol
Min.
Max.
Units
Note
Storage Temperature
TS
-55
125
°C
Operating Temperature
TA
-40
105
°C
Output IC Junction Temperature
TJ
125
°C
Average Input Current
IF(AVG)
25
mA
1
Peak Transient Input Current (<1
µs pulse width, 300pps)
IF(TRAN)
1
A
Reverse Input Voltage
VR
5
V
“High” Peak Output Current
IOH(PEAK)
2.5
A
2
“Low” Peak Output Current
IOL(PEAK)
2.5
A
2
Total Output Supply Voltage
(VCC - VEE)
0
25
V
Output Voltage
VO(PEAK)
-0.5
VCC
V
eOutput IC Power Dissipation
PO
500
mW
3
Total Power Dissipation
PT
550
mW
4
Table 4. Recommended Operating Conditions
Parameter
Symbol
Min
Max.
Units
Note
Operating Temperature
TA
- 40
105
°C
Output Supply Voltage
(VCC - VEE)
10
20
V
Input Current (ON)
IF(ON)
7
11
mA
Input Voltage (OFF)
VF(OFF)
- 3.6
0.8
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com