Electronic Components Datasheet Search
  English  ▼

X  

LMX2350TM Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMX2350TM
Description  PLLatinum TM Fractional N RF / Integer N IF Dual Low Power Frequency Synthesizer
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMX2350TM Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LMX2350TM Datasheet HTML 1Page - National Semiconductor (TI) LMX2350TM Datasheet HTML 2Page - National Semiconductor (TI) LMX2350TM Datasheet HTML 3Page - National Semiconductor (TI) LMX2350TM Datasheet HTML 4Page - National Semiconductor (TI) LMX2350TM Datasheet HTML 5Page - National Semiconductor (TI) LMX2350TM Datasheet HTML 6Page - National Semiconductor (TI) LMX2350TM Datasheet HTML 7Page - National Semiconductor (TI) LMX2350TM Datasheet HTML 8Page - National Semiconductor (TI) LMX2350TM Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
Pin Descriptions (Continued)
Pin No.
for CSP
Package
Pin No.
for
TSSOP
package
Pin Name
I/O
Description
9
10
OSCin
I
Oscillator input which can be configured to drive both the IF and RF R counter inputs
or only the IF R counter depending on the state of the OSC programming bit. (See
functional description 1.1 and programming description 3.1.)
10
11
FoLD
O
Multiplexed output of N or R divider and RF/IF lock detect. Active High/Low CMOS
output except in analog lock detect mode. (See programming description 3.1.5.)
11
12
RF_EN
I
RF PLL Enable. Powers down RF N and R counters, prescaler, and will TRI-STATE®
the charge pump output when LOW. Bringing RF_EN high powers up RF PLL
depending on the state of RF_CTL_WORD. (See functional description 1.9.)
12
13
IF_EN
I
IF PLL Enable. Powers down IF N and R counters, prescaler, and will TRI-STATE the
charge pump output when LOW. Bringing IF_EN high powers up IF PLL depending on
the state of IF_CTL_WORD. (See functional description 1.9.)
13
14
CLOCK
I
High impedance CMOS Clock input. Data for the various counters is clocked into the
24 - bit shift register on the rising edge.
14
15
DATA
I
Binary serial data input. Data entered MSB first. The last two bits are the control bits.
High impedance CMOS input.
15
16
LE
I
Load enable high impedance CMOS input. Data stored in the shift registers is loaded
into one of the 4 internal latches when LE goes HIGH. (See functional description 1.7.)
16
17
GND
-
Ground for IF analog circuitry.
17
18
fin IF
I
IF prescaler complimentary input. A bypass capacitor should be placed as close as
possible to this pin and be connected directly to the ground plane.
18
19
fin IF
I
IF prescaler input. Small signal input from the VCO.
19
20
GND
-
Ground for IF digital circuitry.
20
21
CPo
IF
O
IF charge pump output. For connection to a loop filter for driving the input of an
external VCO.
21
22
Vp
IF
-
Power supply for IF charge pump. Must be
≥ V
ccRF and VccIF.
22
23
Vcc
IF
-
IF power supply voltage input. Must be equal to Vcc
RF . Input may range from 2.7 V to
5.5 V. Bypass capacitors should be placed as close as possible to this pin and be
connected directly to the ground plane.
23
24
OUT1
O
Programmable CMOS output. Level of the output is controlled by IF_N [18] bit.
www.national.com
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com