Electronic Components Datasheet Search
  English  ▼

X  

LMX2350TM Datasheet(PDF) 15 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMX2350TM
Description  PLLatinum TM Fractional N RF / Integer N IF Dual Low Power Frequency Synthesizer
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMX2350TM Datasheet(HTML) 15 Page - National Semiconductor (TI)

Back Button LMX2350TM Datasheet HTML 11Page - National Semiconductor (TI) LMX2350TM Datasheet HTML 12Page - National Semiconductor (TI) LMX2350TM Datasheet HTML 13Page - National Semiconductor (TI) LMX2350TM Datasheet HTML 14Page - National Semiconductor (TI) LMX2350TM Datasheet HTML 15Page - National Semiconductor (TI) LMX2350TM Datasheet HTML 16Page - National Semiconductor (TI) LMX2350TM Datasheet HTML 17Page - National Semiconductor (TI) LMX2350TM Datasheet HTML 18Page - National Semiconductor (TI) LMX2350TM Datasheet HTML 19Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 21 page
background image
Programming Description (Continued)
4.1.2 3-BIT IF SWALLOW COUNTER DIVIDE RATIO (IF A COUNTER)
(IF_N[2]−[4])
Swallow Count
IF_NA_CNTR
(A)
2
1
0
0
000
1
001
-
---
7
111
Note: Swallow Counter Value: 0 to 7
IF_NB_CNTR
≥ IF_NA_CNTR
Minimum continuous count = 56 ( A=0, B=7)
4.1.3 12-BIT IF PROGRAMMABLE COUNTER DIVIDE RATIO (IF B COUNTER)
(IF_N[5]-[16])
IF_NB_CNTR
Divide Ratio
11
109876543210
3
0
0
0000000011
4
0
0
0000000100
-
-
-
----------
4,095
1
1
1111111111
Note: Divide ratio: 3 to 4095 (Divide ratios less than 3 are prohibited)
IF_NB_CNTR
≥ IF_NA_CNTR
N divider continuous integer divide ratio 56 to 32,767.
4.2 RF_N Register
If the control bits (CTL[2:0]) are 11, data is transferred from the 24-bit shift register into the RF_N register latch which sets the RF
PLL 19 bit programmable N counter register and various control functions. The RF N counter consists of the 5-bit swallow counter
(A counter) the 10 bit programmable counter (B counter), and 4 bit fractional counter. Serial data format is shown below. The
divide ratio (RF_NB_CNTR) must be
≥3, and must be ≥ the swallow counter value + 2; RF_NB_CNTR≥ ( RF_NA_CNTR+2).
MSB
LSB
RF_CTL_WORD [2:0]
RF_NB_CNTR [9:0]
RF_NA_CNTR [4:0]
FRAC_CONT [3:0]
1
1
23
21
20
11
10
6
5
2
1
0
4.2.1.1 RF_CTL_WORD
(RF_N[21]-[23])
MSB
LSB
RF_CNT_RST
PWDN_RF
PRESC_SEL
4.2.1.2 RF/IF Control Word Truth Table
BIT
FUNCTION
0
1
IF_CNT_RST/RF_CNT_RST
IF/RF counter reset
Normal Operation
Reset
PWDN_IF/PWDN_RF
IF/RF power down
Powered up
Powered down
PWDN_MODE
Power down mode select
Asynchronous power down
Synchronous power down
PRESC
LMX2350
Prescaler Modulus select
16/17
(0.5 to 1.2 GHz operation)
32/33
(1.2 to 2.5 GHz operation)
LMX2352
8/9
(0.25 to 0.5 GHz operation)
16/17
(0.5 to 1.2 GHz operation)
The Counter Reset enable bit when activated allows the
reset of both N and R counters. Upon powering up, the N
counter resumes counting in ’close’ alignment with the R
counter (the maximum error is one prescaler cycle).
Activation of the PLL power down bits result in the disabling
of the respective N counter divider and de-biasing of its
respective fin inputs (to a high impedance state). The re-
spective R counter functionality also becomes disabled
when the power down bit is activated. The OSCin pin reverts
to a high impedance state when both RF and IF power down
bits are asserted. Power down forces the respective charge
pump and phase comparator logic to a TRI-STATE condition.
The MICROWIRE control register remains active and ca-
pable of loading and latching in data during all of the power
down modes.
Both synchronous and asynchronous power down modes
are available with the LMX2350 family in order to adapt to
different types of applications. The power down mode bit
IF_N[21] is used to select between synchronous and asyn-
chronous power down. The MICROWIRE control register
remains active and capable of loading and latching in data
during all of the power down modes.
www.national.com
15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com