Electronic Components Datasheet Search
  English  ▼

X  

LMX2350TM Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMX2350TM
Description  PLLatinum TM Fractional N RF / Integer N IF Dual Low Power Frequency Synthesizer
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMX2350TM Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LMX2350TM Datasheet HTML 1Page - National Semiconductor (TI) LMX2350TM Datasheet HTML 2Page - National Semiconductor (TI) LMX2350TM Datasheet HTML 3Page - National Semiconductor (TI) LMX2350TM Datasheet HTML 4Page - National Semiconductor (TI) LMX2350TM Datasheet HTML 5Page - National Semiconductor (TI) LMX2350TM Datasheet HTML 6Page - National Semiconductor (TI) LMX2350TM Datasheet HTML 7Page - National Semiconductor (TI) LMX2350TM Datasheet HTML 8Page - National Semiconductor (TI) LMX2350TM Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
LMX2350/LMX2352
PLLatinum Fractional N RF / Integer N IF
Dual Low Power Frequency Synthesizer
LMX2350 2.5 GHz/550 MHz
LMX2352 1.2 GHz/550 MHz
General Description
The LMX2350/2352 is part of a family of monolithic inte-
grated fractional N/ Integer N frequency synthesizers de-
signed to be used in a local oscillator subsystem for a radio
transceiver. It is fabricated using National’s 0.5µ ABiC V
silicon BiCMOS process. The LMX2350/2352 contains dual
modulus prescalers along with modulo 15 or 16 fractional
compensation circuitry in the RF divider. A 16/17 or 32/33
prescale ratio can be selected for the LMX2350, and the
LMX2352 provides 8/9 or 16/17 prescale ratios. The IF
circuitry for both the LMX2350 and LMX2352 contains an 8/9
prescaler, and is fully programmable. Using a fractional N
phase locked loop technique, the LMX2350 /52 can gener-
ate very stable low noise control signals for UHF and VHF
voltage controlled oscillators (VCOs).
For the RF PLL, a highly flexible 16 level programmable
charge pump supplies output current magnitudes from
100µA to 1.6mA. Two uncommitted CMOS outputs can be
used to provide external control signals, or configured to
FastLock™ mode. Serial data is transferred into the
LMX2350/2352 via a three wire interface (Data, LE, Clock).
Supply voltage can range from 2.7 V to 5.5 V. The LMX2350/
LMX2352 family features very low current consumption; typi-
cally LMX2350 (2.5 GHz) 6.5 mA, LMX2352 (1.2 GHz) 4.75
mA at 3.0V. The LMX2350/2352 are available in a 24-pin
TSSOP and 24-pin CSP surface mount plastic package.
Features
n
2.7 V to 5.5 V operation
n
Low current consumption
LMX2350: Icc = 6.75mA typ at 3v
LMX2352: Icc = 5.00mA typ at 3v
n
Programmable or logical power down mode
Icc=5µA typ at 3v
n
Modulo 15 or 16 fractional RF N divider supports ratios
of 1, 2, 3, 4, 5, 8, 15, or 16
n
Programmable charge pump current levels
RF 100µA to 1.6mA in 100µA steps
IF 100µA or 800 µA
n
Digital filtered lock detect
Applications
n
Portable wireless communications (PCS/PCN, cordless)
n
Dual mode cellular telephone systems
n
Zero blind slot TDMA systems
n
Spread spectrum communication systems (CDMA)
n
Cable TV Tuners (CATV)
Block Diagram
DS100831-1
March 2001
© 2001 National Semiconductor Corporation
DS100831
www.national.com


Similar Part No. - LMX2350TM

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMX2350 TI1-LMX2350 Datasheet
449Kb / 23P
PLLatinum Fractional N RF / Integer N IF Dual Low Power Frequency Synthesizer
More results

Similar Description - LMX2350TM

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMX2354 NSC-LMX2354 Datasheet
403Kb / 23P
PLLatinum Fractional N RF/ Integer N IF Dual Low Power Frequency Synthesizer
LMX2364 NSC-LMX2364 Datasheet
694Kb / 39P
2.6 GHz PLLatinum Fractional RF Frequency Synthesizer with 850 MHz Integer IF Frequency Synthesizer
logo
Analog Devices
ADF4252 AD-ADF4252 Datasheet
476Kb / 28P
Dual Fractional-N/Integer-N Frequency Synthesizer
10/03-Data Sheet changed from REV. A to REV. B.
logo
Hynix Semiconductor
HM6F5201 HYNIX-HM6F5201 Datasheet
328Kb / 25P
Dual Fractional-N / Integer-N Frequency Synthesizer
logo
Analog Devices
ADF4251 AD-ADF4251 Datasheet
424Kb / 28P
Dual Fractional-N/Integer-N Frequency Synthesizer
REV.0
ADF4251 AD-ADF4251_15 Datasheet
440Kb / 28P
Dual Fractional-N/Integer-N Frequency Synthesizer
REV. 0
ADF4252 AD-ADF4252_15 Datasheet
497Kb / 28P
Dual Fractional-N/Integer-N Frequency Synthesizer
REV. B
logo
Texas Instruments
LMV2350 TI1-LMV2350 Datasheet
449Kb / 23P
LMX2350/LMX2352 PLLatinum Fractional N RF / Integer N IF Dual Low Power Frequency Synthesizer
LMX2350 TI1-LMX2350 Datasheet
449Kb / 23P
PLLatinum Fractional N RF / Integer N IF Dual Low Power Frequency Synthesizer
logo
Analog Devices
ADF4252 AD-ADF4252_V01 Datasheet
507Kb / 30P
Dual Fractional-N/Integer-N Frequency Synthesizer
Rev. E
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com