Electronic Components Datasheet Search
  English  ▼

X  

HSMS-282Y Datasheet(PDF) 1 Page - AVAGO TECHNOLOGIES LIMITED

Part # HSMS-282Y
Description  RF Schottky Barrier Diodes In Surface Mount SOD-523 Package
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HSMS-282Y Datasheet(HTML) 1 Page - AVAGO TECHNOLOGIES LIMITED

  HSMS-282Y Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HSMS-282Y Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HSMS-282Y Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HSMS-282Y Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HSMS-282Y Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
HSMS-282Y
RF Schottky Barrier Diodes In Surface Mount SOD-523 Package
Data Sheet
Description
The HSMS-282Y of Avago Technologies is a RF Schottky
Barrier Diode, featuring low series resistance, low forward
voltage at all current levels and good RF characteristics.
The device is housed in a miniature low cost surface
mount SOD-523 package. This miniature package is
particularly useful in the application where board space
is the major concern.ApplicationsThe HSMS-282Y is spe-
cially designed for both analog and digital applications.
The typical applications are mixing, detecting, switching,
sampling, clamping and wave shaping.
Features
• Space saving SOD-523 package
• Low Turn-On Voltage
• Low Series Resistance
• Tape and Reel Options Available
• MSL 1 & Lead Free
Package Marking and Pin Connections
Y?
Anode
cathode
Note: Package marking provides orientation and identification
“Y” = Device Code
“?” = Month code indicates the month of manufacture
Notes:
1. Operation in excess of any one of these conditions may result in
permanent damage to the device.
2. Thermal Resistance is measured from junction to board using IR
microscopy method.
Table 1. Absolute Maximum Ratings [1] at Tc = +25
°C
Symbol
Parameter
Unit
Max Rating
IF
Forward Current (1 µs Pulse)
Amp
1
PIV
Peak Inverse Voltage
V
15
TJ
Junction Temperature
°C
150
TSTG
Storage Temperature
°C
-65 to 150
qjb
Thermal Resistance[2]
°C/W
175


Similar Part No. - HSMS-282Y

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HSMS-2820 HP-HSMS-2820 Datasheet
212Kb / 14P
Surface Mount RF Schottky Barrier Diodes
logo
AVAGO TECHNOLOGIES LIMI...
HSMS-2820 AVAGO-HSMS-2820 Datasheet
505Kb / 15P
Surface Mount RF Schottky Barrier
HSMS-2820 AVAGO-HSMS-2820 Datasheet
1Mb / 15P
Surface Mount RF Schottky Barrier Diodes
logo
Broadcom Corporation.
HSMS-2820 BOARDCOM-HSMS-2820 Datasheet
1Mb / 15P
Surface Mount RF Schottky Barrier Diodes
logo
Agilent(Hewlett-Packard...
HSMS-2820-BLK HP-HSMS-2820-BLK Datasheet
209Kb / 14P
Surface Mount RF Schottky Barrier Diodes
More results

Similar Description - HSMS-282Y

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BAT54-02V VISHAY-BAT54-02V Datasheet
88Kb / 4P
Schottky Diode in SOD-523
12-Dec-05
logo
NXP Semiconductors
PESD24VS1UB PHILIPS-PESD24VS1UB Datasheet
111Kb / 15P
ESD protection diodes in SOD 523 package
Rev. 01-14 June 2004
logo
SeCoS Halbleitertechnol...
MT5ZXXX SECOS-MT5ZXXX Datasheet
1Mb / 4P
200mW , SOD-523 Surface Mount Zener Diodes
logo
AVAGO TECHNOLOGIES LIMI...
HSMP-389Y AVAGO-HSMP-389Y Datasheet
180Kb / 4P
RF Switching PIN Diodes In Surface Mount SOD-523 Package
HSMP-389Z AVAGO-HSMP-389Z Datasheet
99Kb / 5P
RF Switching PIN Diodes In Surface Mount SOD-323 Package
HSMS-282Z AVAGO-HSMS-282Z Datasheet
230Kb / 5P
RF Schottky Barrier Diodes In Surface Mount SOD-323 Package
HSMS-285Y AVAGO-HSMS-285Y Datasheet
223Kb / 4P
Zero Bias Schottky Detector Diodes In Surface Mount SOD-523 Package
HSMS-286Y AVAGO-HSMS-286Y Datasheet
184Kb / 4P
Microwave Schottky Detector Diodes In Surface Mount SOD-523 Package
logo
Shanghai Shunye Electro...
RB521S-30 SHUNYE-RB521S-30 Datasheet
355Kb / 3P
200mW SOD-523 SURFACE MOUNT Schottky Barrier Diode
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com