Electronic Components Datasheet Search
  English  ▼

X  

HSMS-282Y Datasheet(PDF) 5 Page - AVAGO TECHNOLOGIES LIMITED

Part # HSMS-282Y
Description  RF Schottky Barrier Diodes In Surface Mount SOD-523 Package
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HSMS-282Y Datasheet(HTML) 5 Page - AVAGO TECHNOLOGIES LIMITED

  HSMS-282Y Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HSMS-282Y Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HSMS-282Y Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HSMS-282Y Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HSMS-282Y Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
5
For product information and a complete list of distributors, please go to our web site:
www.avagotech.com
Avago, Avago Technologies, and the A logo are trademarks of Avago Technologies, Limited in the United States and other countries.
Data subject to change. Copyright © 2007 Avago Technologies Limited. All rights reserved. Obsoletes AV01-0192EN
AV02-0148EN - February 5, 2007
Tape Dimension
Part Number Ordering Information
Part number
No. of Units
Container
HSMS-282Y-BLKG
100
Anti-static bag
HSMS-282Y-TR1G
3000
7”reel
Specification < Unit : mm >
hole pitch : 50 Pitch Tolerance : 200 ± 0.3
General Tolerance : ± 0.1
Surface resistance : 10 ~ 108 W/cm3



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com