Electronic Components Datasheet Search
  English  ▼

X  

HSMS-282Y Datasheet(PDF) 4 Page - AVAGO TECHNOLOGIES LIMITED

Part # HSMS-282Y
Description  RF Schottky Barrier Diodes In Surface Mount SOD-523 Package
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HSMS-282Y Datasheet(HTML) 4 Page - AVAGO TECHNOLOGIES LIMITED

  HSMS-282Y Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HSMS-282Y Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HSMS-282Y Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HSMS-282Y Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HSMS-282Y Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image

Package Outline and Dimension
C
E
F
D
2
A
B
DIM
C
D
E
F
0.13 ± 0.05
0.60 ± 0.10
0.30 ± 0.05
0.80 ± 0.10
1.20 ± 0.10
1.60 ± 0.10
MILLIMETERS
PCB Footprint
1.
0.
0.
Unit : mm
1.
0.
0.
Unit : mm
Device Orientation
USER
FEED
DIRECTION
COVER TAPE
CARRIER
TAPE
REEL
4 mm
8 mm
Top View
End View



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com