Electronic Components Datasheet Search
  English  ▼

X  

LMX2347 Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMX2347
Description  PLLatinum??Frequency Synthesizer for RF Personal Communications
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMX2347 Datasheet(HTML) 5 Page - National Semiconductor (TI)

  LMX2347 Datasheet HTML 1Page - National Semiconductor (TI) LMX2347 Datasheet HTML 2Page - National Semiconductor (TI) LMX2347 Datasheet HTML 3Page - National Semiconductor (TI) LMX2347 Datasheet HTML 4Page - National Semiconductor (TI) LMX2347 Datasheet HTML 5Page - National Semiconductor (TI) LMX2347 Datasheet HTML 6Page - National Semiconductor (TI) LMX2347 Datasheet HTML 7Page - National Semiconductor (TI) LMX2347 Datasheet HTML 8Page - National Semiconductor (TI) LMX2347 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 27 page
background image
Absolute Maximum Ratings (Notes 1,
2)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Power Supply Voltage,
(V
CC)
−0.3V to +6.5V
Power Supply for Charge
Pump,
(V
P)
−0.3V to +6.5V
Voltage on any pin with
GND=0V, except V
P
(V
i)
−0.3V to V
CC +0.3V
Storage Temperature
Range, (T
S)
−65˚C to +150˚C
Lead Temp. (solder 4 sec.),
(T
L)
+260˚C
Recommended Operating
Conditions (Note 1)
Min Max Unit
Power Supply Voltage, (V
CC)
2.7
5.5
V
Power Supply for Charge Pump, (V
P)VCC
6.0
V
Operating Temperature, (T
A)
−40 +85
˚C
Electrical Characteristics
The following conditions apply; V
CC = 3.0V, VP = 3.0V; −40˚C
≤ T
A
≤ 85˚C, unless specified differently.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
I
CC
I
CC
Power Supply Current, LMX2346
3.5
4.5
mA
V
CC = 5.5V
7.0
mA
Power Supply Current, LMX2347
4.5
5.5
mA
V
CC = 5.5V
8.0
mA
I
CC-pwdn
Power Down Current
CLOCK, DATA, LE = GND
CE = GND
110
µA
RF PRESCALER
F
IN
Operating Frequency, RF
Prescaler, LMX2346
0.2
2.0
GHz
Operating Frequency, RF
Prescaler, LMX2347
0.2
2.5
GHz
PF
IN
Input Sensitivity, RF Prescaler
2.7V
≤ V
CC
≤ 3.0V (Note 6)
−15
+0
dBm
3.0V < V
CC
≤ 5.5V (Note 6)
−10
+0
dBm
PHASE DETECTOR
Fφ
Phase Detector Frequency
10
MHz
REFERENCE OSCILLATOR
F
OSC
Operating Frequency, Reference
Oscillator Input
(Note 10)
5
104
MHz
V
OSC
Input Sensitivity, Reference
Oscillator Input
(Note 7)
0.4
V
CC − 0.3
V
PP
I
IH
OSC
in High-Level Input Current
V
IH =VCC = 5.5V
100
µA
I
IL
OSC
in Low-Level Input Current
V
IL = 0V, VCC = 5.5V
−100
µA
CHARGE PUMP
ICPo-
source
Charge Pump Source Current
VCPo = Vp/2V
−4.0
mA
ICPo-
sink
Charge Pump Sink Current
VCPo = Vp/2V
4.0
mA
ICPo-
tri
Charge Pump TRI-STATE Current
0.5V
≤ VCPo ≤ V
P − 0.5V
−2.5
2.5
nA
ICPo-
sink
vs.
ICPo-
source
CP Sink vs. Source Mismatch
VCPo = Vp/2
T
A = 25˚
(Note 4)
310
%
ICPo vs
VCPo
CP Current vs. Voltage
0.5V
≤ VCPo ≤ V
P − 0.5V
T
A = 25˚ (Note 4)
10
15
%
ICPo vs T
A
CP Current vs. Temperature
VCPo = Vp/2V (Note 4)
10
%
www.national.com
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com