Electronic Components Datasheet Search
  English  ▼

X  

LMX2347 Datasheet(PDF) 23 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMX2347
Description  PLLatinum??Frequency Synthesizer for RF Personal Communications
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMX2347 Datasheet(HTML) 23 Page - National Semiconductor (TI)

Back Button LMX2347 Datasheet HTML 19Page - National Semiconductor (TI) LMX2347 Datasheet HTML 20Page - National Semiconductor (TI) LMX2347 Datasheet HTML 21Page - National Semiconductor (TI) LMX2347 Datasheet HTML 22Page - National Semiconductor (TI) LMX2347 Datasheet HTML 23Page - National Semiconductor (TI) LMX2347 Datasheet HTML 24Page - National Semiconductor (TI) LMX2347 Datasheet HTML 25Page - National Semiconductor (TI) LMX2347 Datasheet HTML 26Page - National Semiconductor (TI) LMX2347 Datasheet HTML 27Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 23 / 27 page
background image
2.0 Programming Description (Continued)
2.2.1 R_CTR[9:0]
Reference Divider (R COUNTER)
R[10:1]
The reference divider can be programmed to support divide ratios from 2 to 1023. Divide ratios of less than 2 are prohibited.
R_CNTR [9:0]
Reference Divider Ratio
9876543210
2
0000000010
3
0000000011
•
••••••••••
1,023
1111111111
2.2.2 CP_TRI
Charge Pump TRI-STATE
R[11]
The CP_TRI control bit allows the charge pump to be switched between a normal operating mode and a high impedance output
state. This happens asynchronously or immediately with the change in CP_TRI bit.
Control Bit
Register Location
Description
Function
01
CP_TRI
R[11]
Charge Pump
TRI-STATE
Charge Pump Operates
Normal
Charge Pump Output
in High Impedance
State
2.2.3 PD_POL
Phase Detector Polarity
R[12]
The PD_POL control bit is used to set the polarity of the phase detector based on the VCO tuning characteristic.
Control Bit
Register Location
Description
Function
01
PD_POL
R[12]
Phase Detector
Polarity
Negative VCO Tuning
Characteristic
Positive VCO Tuning
Characteristic
VCO Characteristics
20038409
2.2.4 LD_OUT[1:0]
LD Output Select
R[14:13]
The LD_Out control word is used to select which signal is routed the the LD pin.
LD_OUT[1:0]
LD Pin Output Mode
Output Circuit
Configuration
0
Digital Lock Detect
Push-Pull
1
Analog Lock Detect
Open-Drain
2
R divider output
Push-Pull
3
N divider output
Push-Pull
www.national.com
23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com