Electronic Components Datasheet Search
  English  ▼

X  

LMX2347 Datasheet(PDF) 16 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMX2347
Description  PLLatinum??Frequency Synthesizer for RF Personal Communications
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMX2347 Datasheet(HTML) 16 Page - National Semiconductor (TI)

Back Button LMX2347 Datasheet HTML 12Page - National Semiconductor (TI) LMX2347 Datasheet HTML 13Page - National Semiconductor (TI) LMX2347 Datasheet HTML 14Page - National Semiconductor (TI) LMX2347 Datasheet HTML 15Page - National Semiconductor (TI) LMX2347 Datasheet HTML 16Page - National Semiconductor (TI) LMX2347 Datasheet HTML 17Page - National Semiconductor (TI) LMX2347 Datasheet HTML 18Page - National Semiconductor (TI) LMX2347 Datasheet HTML 19Page - National Semiconductor (TI) LMX2347 Datasheet HTML 20Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 27 page
background image
LMX2346/7SLB OSC
IN IMPEDANCE (R_OPT set to 50 MHz– 104 MHz)
LMX2346/7SLB OSC
IN IMPEDANCE (R_OPT set to 50 MHz–104 MHz)
V
CC = 3.0V (TA = 25˚C)
V
CC = 5.5V (TA = 25˚C)
OSC
IN BUFFER
NORMAL OPERATION
OSC
IN BUFFER
POWERED-DOWN MODE
OSC
IN BUFFER
NORMAL OPERATION
OSC
IN BUFFER
POWERED-DOWN MODE
F
OSC
(MHz)
Real
ZOSC
IN
(
Ω)
Imag-
inary
ZOSC
IN
(
Ω)
|ZOSC
IN|
(
Ω)
Real
ZOSC
IN
(
Ω)
Imag-
inary
ZOSC
IN
(
Ω)
|ZOSC
IN|
(
Ω)
Real
ZOSC
IN
(
Ω)
Imag-
inary
ZOSC
IN
(
Ω)
|ZOSC
IN|
(
Ω)
Real
ZOSC
IN
(
Ω)
Imag-
inary
ZOSC
IN
(
Ω)
|ZOSC
IN|
(
Ω)
5
1500
−5750
5940
150
−6400
6400
1800
−5200
5500
225
−6200
6200
10
390
−2700
2730
110
−3000
3000
450
−2600
2640
110
−2700
2700
15
190
−2010
2020
70
−2000
2000
190
−1660
1670
75
−1850
1850
20
110
−1510
1510
30
−1400
1400
130
−1350
1360
39
−1390
1390
25
83
−1210
1210
30
−1150
1150
85
−1100
1100
26
−1120
1120
30
62
−972
974
32
−967
968
72
−926
929
27
−945
945
35
53
−842
844
31
−835
836
59
−802
804
25
−822
822
40
50
−743
745
29
−736
737
50
−705
707
26
−724
724
45
44
−658
659
26
−640
641
44
−630
632
22
−630
630
50
39
−597
598
24
−595
595
37
−558
559
22
−573
573
55
35
−541
542
23
−538
538
33
−510
511
21
−522
522
60
33
−490
491
23
−485
486
30
−468
469
20
−479
479
65
30
−459
460
22
−450
451
28
−431
432
18
−441
441
70
30
−420
421
21
−417
418
26
−402
403
17
−412
412
75
28
−394
395
20
−392
393
25
−378
379
17
−386
386
80
27
−369
370
19
−366
366
23
−352
353
16
−361
361
85
27
−349
350
19
−342
343
21
−330
331
15
−338
338
90
27
−330
331
19
−323
324
21
−311
312
15
−318
318
95
25
−312
313
18
−309
310
21
−298
299
16
−305
305
100
24
−294
295
18
−290
291
19
−280
281
14
−286
286
104
24
−280
281
18
−278
279
19
−267
268
14
−274
274
www.national.com
16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com