Electronic Components Datasheet Search
  English  ▼

X  

LMX2372TM Datasheet(PDF) 9 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMX2372TM
Description  PLLatinum??Dual Frequency Synthesizer for RF Personal Communications
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMX2372TM Datasheet(HTML) 9 Page - National Semiconductor (TI)

Back Button LMX2372TM Datasheet HTML 5Page - National Semiconductor (TI) LMX2372TM Datasheet HTML 6Page - National Semiconductor (TI) LMX2372TM Datasheet HTML 7Page - National Semiconductor (TI) LMX2372TM Datasheet HTML 8Page - National Semiconductor (TI) LMX2372TM Datasheet HTML 9Page - National Semiconductor (TI) LMX2372TM Datasheet HTML 10Page - National Semiconductor (TI) LMX2372TM Datasheet HTML 11Page - National Semiconductor (TI) LMX2372TM Datasheet HTML 12Page - National Semiconductor (TI) LMX2372TM Datasheet HTML 13Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
2.0 Programming Description (Continued)
2.2 PROGRAMMABLE REFERENCE DIVIDERS (Main and Aux R Counters)
2.2.1 Aux_R Register
If the ADDRESS[1:0] field is set to 0 0, data is transferred from the 22-bit shift register into the Aux_R register when Load Enable
(LE) signal goes high. The Aux_R register sets the Aux PLL’s 15-bit R-counter divide ratio and various programmable modes. The
divide ratio is put into the Aux_R_CNTR[14:0] field. The divider ratio must be
≥ 2. For the description of bits Aux_R15–Aux_R19
see Section 2.4.
Most Significant Bit
SHIFT REGISTER BIT LOCATION
Least Significant Bit
21
20
19
18
17
16
15
14
13
12
11
10
98765432
1
0
Data Field
Address Field
Aux_R
Aux_R_CNTR[14:0]
00
2.2.2 Main_R Register
If the ADDRESS[1:0] field is set to 1 0, data is transferred from the 22-bit shift register into the Main_R register which sets the
Main PLL’s 15-bit R-counter divide ratio when Load Enable (LE) signal goes high. The divide ratio is put into the
Main_R_CNTR[14:0] field. The divider ratio must be
≥ 2. For the description of bits Main_R15–Main_R19 see Section 2.4.
Most Significant Bit
SHIFT REGISTER BIT LOCATION
Least Significant Bit
21
20
19
18
17
16
15
14
13
12
11
10
98765432
1
0
Data Field
Address Field
Main_R
Main_R_CNTR[14:0]
10
2.2.3 Reference Divide Ratio (Main and Auxiliary R-Counters)
If the ADDRESS[1:0] field is set to00or10(00 for Aux and 10 for Main) data is transferred MSB first from the 22-bit shift register
into a latch which sets the respective 15-bit R-counter. Serial data format is shown below.
Main_R_CNTR[14:0] or Aux_R_CNTR[14:0]
Divide Ratio
R14
R13
R12
R11
R10
R9
R8
R7
R6
R5
R4
R3
R2
R1
R0
2
000000000000010
3
000000000000011
•
•••••••••••••••
32,767
111111111111111
Note: R-counter divide ratio must be from 2 to 32,767.
2.3 PROGRAMMABLE FEEDBACK [N] DIVIDERS
2.3.1 Aux_N Register
If the ADDRESS[1:0] field is set to 0 1, data is transferred from the 22-bit shift register into the Aux_N register which sets the Aux-
iliary PLL’s 18-bit N-counter, prescaler value and power-down bit. The 18-bit N-counter consists of a 5-bit swallow
counter, Aux_A_CNTR[4:0], and a 13-bit programmable counter, Aux_B_CNTR[12:0]. Serial data format is shown below.
www.national.com
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com