Electronic Components Datasheet Search
  English  ▼

X  

LMX2372TM Datasheet(PDF) 10 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMX2372TM
Description  PLLatinum??Dual Frequency Synthesizer for RF Personal Communications
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMX2372TM Datasheet(HTML) 10 Page - National Semiconductor (TI)

Back Button LMX2372TM Datasheet HTML 6Page - National Semiconductor (TI) LMX2372TM Datasheet HTML 7Page - National Semiconductor (TI) LMX2372TM Datasheet HTML 8Page - National Semiconductor (TI) LMX2372TM Datasheet HTML 9Page - National Semiconductor (TI) LMX2372TM Datasheet HTML 10Page - National Semiconductor (TI) LMX2372TM Datasheet HTML 11Page - National Semiconductor (TI) LMX2372TM Datasheet HTML 12Page - National Semiconductor (TI) LMX2372TM Datasheet HTML 13Page - National Semiconductor (TI) LMX2372TM Datasheet HTML 14Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
2.0 Programming Description (Continued)
Most Significant Bit
SHIFT REGISTER BIT LOCATION
Least Significant Bit
21
20
19
18
17
16
15
14
13
12
11
10
9
8
7
65432
1
0
Data Field
Address Field
Aux_N
Aux_B_CNTR[12:0]
Aux_A_CNTR[4:0]
01
2.3.2 Main_N Register
If the ADDRESS[1:0] field is set to 1 1, data is transferred from the 22-bit shift register into the Main_N register which sets the
Main PLL’s 18-bit N-counter, prescaler value and power-down bit. The 18-bit N-counter consists of a 5-bit swallow counter,
Main_A_CNTR[4:0], and a 13-bit programmable counter, Main_B_CNTR[12:0]. Serial data format is shown below.
Most Significant Bit
SHIFT REGISTER BIT LOCATION
Least Significant Bit
21
20
19
18
17
16
15
14
13
12
11
10
9
8
7
65432
1
0
Data Field
Address Field
Main_N
Main_B_CNTR[12:0]
Main_A_CNTR[4:0]
11
2.3.3 Feedback Divide Ratio (Main B Counter, Auxiliary B Counter)
Main_B_CNTR[12:0] or Aux_B_CNTR[12:0]
Divide Ratio
N17
N16
N15
N14
N13
N12
N11
N10
N9
N8
N7
N6
N5
3
00000000
00011
4
00000000
00101
•
••••••••
•••••
8,191
11111111
11111
Note: B-counter divide ratio must be
≥ 3.
2.3.4 Swallow Counter Divide Ratio (Main A Counter, Auxiliary A Counter)
Main_A_CNTR[4:0] or Aux_A_CNTR[4:0]
Divide Ratio
Main_N4
Main_N3
Main_N2
Main_N1
Main_N0
0
00000
1
00001
•
•••••
31
11111
Notes: A < P,
B > A.
www.national.com
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com