Electronic Components Datasheet Search
  English  ▼

X  

TPS2491DGS Datasheet(PDF) 15 Page - Texas Instruments

Click here to check the latest version.
Part # TPS2491DGS
Description  POSITIVE HIGH-VOLTAGE POWER-LIMITING HOTSWAP CONTROLLER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS2491DGS Datasheet(HTML) 15 Page - Texas Instruments

Back Button TPS2491DGS Datasheet HTML 11Page - Texas Instruments TPS2491DGS Datasheet HTML 12Page - Texas Instruments TPS2491DGS Datasheet HTML 13Page - Texas Instruments TPS2491DGS Datasheet HTML 14Page - Texas Instruments TPS2491DGS Datasheet HTML 15Page - Texas Instruments TPS2491DGS Datasheet HTML 16Page - Texas Instruments TPS2491DGS Datasheet HTML 17Page - Texas Instruments TPS2491DGS Datasheet HTML 18Page - Texas Instruments TPS2491DGS Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
www.ti.com
R
DSON(MAX) v
T
J(MAX) * TA(MAX)
R
q
JA
I2
MAX
P
LIM v 0.7
T
J(MAX)2 *
I2
MAX
R
DSON
R
q
CA ) TA(MAX)
R
q
JC
V
PROG +
P
LIM
10
I
LIM
where I
LIM +
0.05
R
S
R4
R3 ) R4
+
V
PROG
V
REF
C
O
P
LIM
2
I2
LIM
)
C
O
V2
VCC(MAX)
2
P
LIM
if P
LIM t ILIMVVCC(MAX)
t
ON +
C
O
V
VCC(MAX)
I
LIM
if P
LIM w ILIM VVCC(MAX)
C
T + 8.5
10*6
t
ON
1 ) COUT_TOL ) CT_TOL
V
ON +
1.35 V
R2
R1)R2
V
OFF +
1.25 V
R2
R1)R2
TPS2490
TPS2491
SLVS503 – NOVEMBER 2003
APPLICATION INFORMATION (continued)
where TJ(MAX) is the desired maximum steady-state junction temperature (typically 125°C), and TA(MAX) is the
maximum ambient temperature. RθJA, the junction-to-ambient thermal resistance, depends upon the package
style chosen and the details of heat-sinking and cooling. Note the RθJC and RθJA for use below.
STEP 3. Choose PLIM, R3, R4
M1 dissipates large amounts of power during power-up or output short circuit. The power limit PLIM of the
TPS2940/91 should be set to prevent the die temperature from exceeding a short term maximum temperature,
TJ(MAX)2. The short-term TJ(MAX)2 could be set as high as 150°C while still leaving ample margin to the usual
manufacturer’s rating of 175
°C. An expression for calculating P
LIM is:
where RθJC is M1 junction-to-case thermal resistance, RDSON is the channel resistance at the maximum operating
temperature, and the factor of 0.7 represents the tolerance of the constant power engine. Next calculate VPROG
and the divider resistors R3 and R4. R3 must be greater than 4 k
Ω, but it is recommended that 10 kΩ or greater
be used.
STEP 4. Choose tON, CT
The on-time, tON, set by capacitor CT must suffice to fully charge the load capacitance CO without triggering the
fault circuitry. Assuming that only the load capacitance draws current during startup:
Using this value of tON, CTis computed as:
where CT_TOL and COUT_TOL are the tolerances associated with each capacitor. Assuming CO is a 20% tolerance
part, COUT_TOL has a value of 0.2. This expression assures the worst case set of parts will always start.
STEP 5. Choose The Turn On Voltage, R1 & R2
Assuming that EN is used as an analog input, the turn-on voltage, VON and turn-off voltage, VOFF are defined as:
Use caution in selecting very large values of R1 and R2 because the leakage current causes errors in the
threshold voltages.
15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com