Electronic Components Datasheet Search
  English  ▼

X  

TPS2491DGS Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # TPS2491DGS
Description  POSITIVE HIGH-VOLTAGE POWER-LIMITING HOTSWAP CONTROLLER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS2491DGS Datasheet(HTML) 17 Page - Texas Instruments

Back Button TPS2491DGS Datasheet HTML 12Page - Texas Instruments TPS2491DGS Datasheet HTML 13Page - Texas Instruments TPS2491DGS Datasheet HTML 14Page - Texas Instruments TPS2491DGS Datasheet HTML 15Page - Texas Instruments TPS2491DGS Datasheet HTML 16Page - Texas Instruments TPS2491DGS Datasheet HTML 17Page - Texas Instruments TPS2491DGS Datasheet HTML 18Page - Texas Instruments TPS2491DGS Datasheet HTML 19Page - Texas Instruments TPS2491DGS Datasheet HTML 20Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
www.ti.com
TPS2490
TPS2491
SLVS503 – NOVEMBER 2003
APPLICATION INFORMATION (continued)
Output Clamp Diode
Inductive loads on the output may drive the OUT pin below GND when the circuit is unplugged or during a
current limit. The OUT pin ratings can be maintained with a small diode, such as an S1B, across TPS2490/91
OUT to GND.
Gate Clamp Diode
The TPS2490/91 has a relatively well-regulated gate voltage of 12–16 V, even with low supply voltages. A small
clamp Zener from gate to source of M1, such as a BZX84C7V5, is recommended if VGS of M1 is rated below this.
High Gate Capacitance Applications
Gate voltage overstress and abnormally large fault current spikes can be caused by large gate capacitance. An
external gate clamp Zener diode is recommended if the total gate capacitance of M1 exceeds about 4000 pF.
When gate capacitor inrush control is used, a 1-k
Ω resistor in series with C
G is recommended. If the series R-C
combination is used for MOSFETs with CISS less than 3000 pF, then a Zener is not necessary.
Output Short Circuit Measurements
Repeatable short-circuit testing results are difficult to obtain. The many details of source bypassing, input leads,
circuit layout and component selection, output shorting method, relative location of the short, and instrumentation
all contribute to obtaining different results. The actual short itself exhibits a certain degree of randomness as it
microscopically bounces and arcs. Care in configuration and methods must be used to obtain realistic results. Do
not expect to see waveforms exactly like those in the data sheet—every setup differs.
Layout Considerations
Good layout practice places the power devices D1, RS, M1, and CO so power flows in a sequential fashion, and
preferably in a straight line. A ground plane under the power and the TPS2490/91 is desirable. The TPS2490/91
should be placed close to the sense resistor and the MOSFET; a Kelvin connection is recommended to achieve
accurate current sensing across RS. A low-impedance GND connection is required because the TPS2490/91 can
momentarily sink upwards of 100 mA from the gate of M1. The GATE amplifier has high bandwidth while active,
so keep the gate trace length short. The PROG, TIMER, and EN pins have high input impedances, therefore
keep their input leads short. Oversize power traces and power device connections to assure low voltage drop
and good thermal performance.
17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com