Electronic Components Datasheet Search
  English  ▼

X  

TPS2491DGS Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TPS2491DGS
Description  POSITIVE HIGH-VOLTAGE POWER-LIMITING HOTSWAP CONTROLLER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS2491DGS Datasheet(HTML) 2 Page - Texas Instruments

  TPS2491DGS Datasheet HTML 1Page - Texas Instruments TPS2491DGS Datasheet HTML 2Page - Texas Instruments TPS2491DGS Datasheet HTML 3Page - Texas Instruments TPS2491DGS Datasheet HTML 4Page - Texas Instruments TPS2491DGS Datasheet HTML 5Page - Texas Instruments TPS2491DGS Datasheet HTML 6Page - Texas Instruments TPS2491DGS Datasheet HTML 7Page - Texas Instruments TPS2491DGS Datasheet HTML 8Page - Texas Instruments TPS2491DGS Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
www.ti.com
TPS2490
TPS2491
SLVS503 – NOVEMBER 2003
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
ORDERING INFORMATION
TA
FUNCTION
PACKAGE
PART NUMBER(1)
SYMBOL
Latched
VSSOP-10
TPS2490DGS
BIY
-40
°C to 85°C
Retry
(MSOP)
TPS2491DGS
BIX
(1)
Add an R suffix to the device type for tape and reel packaging.
ABSOLUTE MAXIMUM RATINGS(1)
over operating free-air temperature range (unless otherwise noted)
UNIT
Input voltage range, VCC, SENSE, EN, OUT
-0.3 to 100
V
Output voltage range, GATE, PG
-0.3 to 100
V
Input voltage range, PROG
-0.3 to 6
V
Output voltage range, TIMER, VREF
-0.3 to 6
V
Sink current, PG
10
mA
Source current, VREF
0 to 2
mA
Sink Current, PROG
2
mA
ESD - human body model
2
kV
ESD - charged device model
500
V
Maximum junction temperature, TJ
150
°C
Storage temperature, TST
–65 to 150
°C
Lead temperature 1.6 mm (1/16 inch) from case for 10 seconds
260
°C
(1)
Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are stress ratings
only and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating
conditions" is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability
RECOMMENDED OPERATING CONDITIONS
MIN
NOM
MAX
UNIT
VVCC
Input voltage range
9
80
V
VPROG
Input voltage range
0
4
V
IVREF
Operating current range (sourcing), VREF
0
1
mA
TJ
Operating junction temperature
-40
125
°C
TA
Operating free-air temperature
-40
85
°C
DISSIPATION RATING TABLE
PACKAGE
TA <25°C
DERATING FACTOR
TA = 70°C
TA = 85°C
POWER RATING
ABOVE TA= 25°C
POWER RATING
POWER RATING
mW
(mW/
°C)
(mW)
(mW)
VSSOP-10 (MSOP)
376
3.76
207
150
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com