Electronic Components Datasheet Search
  English  ▼

X  

OM183SC Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # OM183SC
Description  7.5A, 5A, 3A, 1.5A LOW DROPOUT POSITIVE ADJUSTABLE REGULATORS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

OM183SC Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  OM183SC Datasheet HTML 1Page - List of Unclassifed Manufacturers OM183SC Datasheet HTML 2Page - List of Unclassifed Manufacturers OM183SC Datasheet HTML 3Page - List of Unclassifed Manufacturers OM183SC Datasheet HTML 4Page - List of Unclassifed Manufacturers OM183SC Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
3.3
205 Crawford Street, Leominster, MA 01453 USA (508) 534-5776 FAX (508) 537-4246
OM183SC - OM186ST - OM186SR
.707
.697
.750
.500
.835
.815
.695
.685
.165
.155
.200 TYP.
.550
.530
.270
.240
.045
.035
.140 TYP.
.092 MAX.
.065
.055
.005
Pin 1 - Adjust
Pin 2 - VOUT
Pin 3 - VIN
12
3
Pin 1 - Adjust
Pin 2 - VOUT
Pin 3 - VIN
12
3
MECHANICAL SPECIFICATIONS
P/N OM183SC and OM184SC JEDEC TO-258AA
.430
.410
.200
.190
.038 MAX.
.005
.120 TYP.
.537
.527
.665
.645
.420
.410
.150
.140
.750
.500
.100 TYP.
.035
.025
.045
.035
P/N OM185ST and OM186ST JEDEC TO-257AA
Stability
The OM183-186 Series requires the use of an output
capacitor as part of the device frequency compensation.
For all operating conditions, the addition of 150µF alu-
minum electrolytic or a 22µF solid tantalum on the output
will ensure stability. Normally, capacitors much smaller
than this can be used. Many different types of capacitors
with widely varying characteristics are available. These
capacitors differ in capacitor tolerance (sometimes ranging
up to ±100%), equivalent series resistance, and capaci-
tance
temperature
coefficient.
The 150µF or 22µF values given will ensure stability.
When the adjustment terminal is bypassed to improve the
ripple rejection, the requirement for an output capacitor
increases. The values of 22µF tantalum or 150µF alu-
minum cover all cases of bypassing the adjustment termi-
nal. Without bypassing the adjustment terminal, smaller
capacitors can be used with equally good results and the
table below shows approximately what size capacitors are
needed to ensure stability.
Recommended Capacitor Values
Normally, capacitor values on the order of 100µF are used
in the output of many regulators to ensure good transient
response with heavy load current changes. Output capac-
itance can be increased without limit and larger values of
output capacitor further improve stability and transient
response of the OM183SC regulators.
Output Voltage — Adjustable Regulators
The OM183-OM186 devices develop a 1.25V reference
voltage between the output and the adjust terminal (see
below). By placing a resistor, R1, between these two ter-
minals, a constant current is caused to flow through R1
and down through R2 to set the overall output voltage.
Normally this current is the specified minimum load current
of 10mA. Because I
ADJ is very small and constant when
compared with the current through R1, it represents a
small error and can usually be ignored.
Basic Adjustable Regulator
APPLICATION NOTES
Input
Output
Adjustment
10µF
10µF Tantalum, 50µF Aluminum
None
10µF
22µF Tantalum, 150µF Aluminum
20µF
V
IN
V
OUT
IN
OUT
OM183SC
ADJ
I
ADJ
50 µA
V
REF
V
OUT = VREF
(1+ ) +I
ADJ R2
R2
R1
R2
R1



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com