Electronic Components Datasheet Search
  English  ▼

X  

OM183SC Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # OM183SC
Description  7.5A, 5A, 3A, 1.5A LOW DROPOUT POSITIVE ADJUSTABLE REGULATORS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

OM183SC Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  OM183SC Datasheet HTML 1Page - List of Unclassifed Manufacturers OM183SC Datasheet HTML 2Page - List of Unclassifed Manufacturers OM183SC Datasheet HTML 3Page - List of Unclassifed Manufacturers OM183SC Datasheet HTML 4Page - List of Unclassifed Manufacturers OM183SC Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
3.3 - 1
3.3
Three Terminal Adjustable Low Dropout
TO-257/TO-258 Positive Voltage Regulators
0 03 R3
Supersedes 4 11 R2
7.5A, 5A, 3A, 1.5A LOW DROPOUT POSITIVE
ADJUSTABLE REGULATORS
FEATURES
• Operates Down to 1V Dropout, 1.5V @ Max. Current
• .015% Line Regulation
• .01% Load Regulation
• 1% Reference Voltage
• Hermetic TO-257 and TO-258 Isolated Packages
• Electrically Equivalent to LT1083, 84, 85 and 86
DESCRIPTION
These three terminal positive adjustable voltage regulators are designed to provide
7.5A, 5A, 3A, and 1.5A with higher efficiency than conventional voltage regulators. The
devices are designed to operate to 1 Volt input to output differential and the dropout
voltage is specified as a function of load current. All devices are pin compatible with
older three terminal regulators. Supplied in the easy-to-use hermetic metal TO-257
and TO-258 JEDEC packages also supplied in Omnirel’s new surface mount D2 Pac..
These devices are ideally suited for Military applications where small size, hermeticity
and high reliability are required.
ABSOLUTE MAXIMUM RATINGS @ 25°C
Input Voltage . . . . . . . . . . . . . . . . . . . . . . . . ............................ 35 V
Operating Junction Temperature Range . ...................
- 55°C to + 150°C
Storage Temperature . ............................. - 65°C to + 150°C
Output Current - OM183SC . ....................................... 7.5 A
OM184SC . ........................................
5 A
OM185ST/SR. ....................................... 3 A
OM186ST/SR . ....................................... 1.5 A
Note: OM183SC and OM184SC products are packaged in the TO-258 Package (7.5A & 5A).
OM185ST and OM186ST products are packaged in the TO-257 Package (3A & 1.5A).
OM185ST
OM186ST
OM183SC
OM184SC
OM185SR
OM186SR


Similar Part No. - OM183SC

ManufacturerPart #DatasheetDescription
logo
American Microsemicondu...
OM183SC AMMSEMI-OM183SC Datasheet
1Mb / 3P
Positive Voltage Regulators
More results

Similar Description - OM183SC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
OM185-5ST ETC-OM185-5ST Datasheet
407Kb / 4P
7.5A, 5A, 3A, 1.5A LOW DROPOUT FIXED VOLTAGE POSITIVE REGULATORS
logo
International Rectifier
OMR183 IRF-OMR183 Datasheet
304Kb / 8P
30 kRad - 100kRad RADIATION TOLERANT 7.5A, 5A, 3A, 1.5A LOW DROPOUT POSITIVE ADJUSTABLE REGULATORS
logo
Linear Technology
LT1083 LINER-LT1083_05 Datasheet
203Kb / 16P
7.5A, 5A, 3A Low Dropout Positive Adjustable Regulators
LT1085IT-12 LINER-LT1085IT-12 Datasheet
187Kb / 12P
7.5A, 5A, 3A Low Dropout Positive Adjustable Regulators
LT1085CT-33 LINER-LT1085CT-33 Datasheet
148Kb / 12P
3A, 5A, 7.5A Low Dropout Positive Fixed Regulators
LT1085IT-12 LINER-LT1085IT-12 Datasheet
148Kb / 12P
3A, 5A, 7.5A Low Dropout Positive Fixed Regulators
LT1083 LINER-LT1083_15 Datasheet
291Kb / 22P
7.5A, 5A, 3A Low Dropout Positive Adjustable Regulators
LT1084 LINER-LT1084_15 Datasheet
291Kb / 22P
3A, 5A, 7.5A Low Dropout Positive Fixed Regulators
LT1085 LINER-LT1085_15 Datasheet
291Kb / 22P
7.5A, 5A, 3A Low Dropout Positive Adjustable Regulators
LT1084 LINER-LT1084_V01 Datasheet
251Kb / 18P
3A, 5A, 7.5A Low Dropout Positive Fixed Regulators
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com