Electronic Components Datasheet Search
  English  ▼

X  

PT6521 Datasheet(PDF) 6 Page - Texas Instruments

Part # PT6521
Description  8-A 5-V/3.3-V Input Adjustable ISR with Short-Circuit protection
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PT6521 Datasheet(HTML) 6 Page - Texas Instruments

  PT6521 Datasheet HTML 1Page - Texas Instruments PT6521 Datasheet HTML 2Page - Texas Instruments PT6521 Datasheet HTML 3Page - Texas Instruments PT6521 Datasheet HTML 4Page - Texas Instruments PT6521 Datasheet HTML 5Page - Texas Instruments PT6521 Datasheet HTML 6Page - Texas Instruments PT6521 Datasheet HTML 7Page - Texas Instruments PT6521 Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
For technical support and more information, see inside back cover or visit www.ti.com
Application Notes continued
PT6520 Series
Series Pt #
PT6527
PT6522
PT6526
PT6525
PT6523
Vo (nom)
1.2V
1.5V
1.8V
2.1V
2.5V
Va (req’d)
1.1
(5.1)k
Ω
1.15
(45.1)k
Ω
1.2
1.25
135.0k
Ω
1.3
55.1k
Ω
1.35
28.4k
Ω
1.4
15.1k
Ω
1.45
7.1k
Ω
1.47
4.7k
Ω
(18.1)k
Ω
1.5
1.8k
Ω
1.55
209.0k
Ω
1.6
79.6k
Ω
1.65
36.5k
Ω
1.7
14.9k
Ω
1.75
(46.1)k
Ω
1.8
1.85
204.0k
Ω
1.9
77.1k
Ω
1.95
34.8k
Ω
(12.1)k
Ω
2.0
13.6k
Ω
(39.8)k
Ω
2.05
(123.0)k
Ω
2.1
2.15
221.k
Ω
2.2
93.8k
Ω
2.25
51.5k
Ω
(6.0)k
Ω
2.3
30.3k
Ω
(18.3)k
Ω
2.35
17.6k
Ω
(38.8)k
Ω
2.4
9.1k
Ω
(79.8)k
Ω
2.45
3.1k
Ω
(203.0)k
Ω
2.5
2.55
221.0k
Ω
2.6
93.8k
Ω
2.65
(See Note 4)
51.5k
Ω
2.7
30.3k
Ω
2.75
17.6k
Ω
2.8
9.1k
Ω
2.85
3.1k
Ω
R1 = (Blue)
R2 = Black
Table 2
PT6520 ADJUSTMENT RESISTOR VALUES
Series Pt #
PT6521
Vo (nom)
3.3V
Va (req’d)
2.75
(2.0)k
Ω
2.8
(5.7)k
Ω
2.85
(10.2)k
Ω
2.9
(15.9)k
Ω
2.95
(23.1)k
Ω
3.0
(32.8)k
Ω
3.05
(46.3)k
Ω
3.1
(66.6)k
Ω
3.15
(100.0)k
Ω
3.2
(168.0)k
Ω
3.25
(371.0)k
Ω
3.3
3.35
229.0k
Ω
3.4
102.0k
Ω
3.45
59.8k
Ω
3.5
38.6k
Ω
3.55
25.9k
Ω
3.6
17.4k
Ω
3.65
11.4k
Ω
3.7
6.9k
Ω
3.75
3.3k
Ω



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com