Electronic Components Datasheet Search
  English  ▼

X  

PT6521 Datasheet(PDF) 1 Page - Texas Instruments

Part # PT6521
Description  8-A 5-V/3.3-V Input Adjustable ISR with Short-Circuit protection
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PT6521 Datasheet(HTML) 1 Page - Texas Instruments

  PT6521 Datasheet HTML 1Page - Texas Instruments PT6521 Datasheet HTML 2Page - Texas Instruments PT6521 Datasheet HTML 3Page - Texas Instruments PT6521 Datasheet HTML 4Page - Texas Instruments PT6521 Datasheet HTML 5Page - Texas Instruments PT6521 Datasheet HTML 6Page - Texas Instruments PT6521 Datasheet HTML 7Page - Texas Instruments PT6521 Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
For technical support and more information, see inside back cover or visit www.ti.com
Standard Application
Features
• 8A Rated Output Current
• Single Device: 3.3V/5V Input
• High Efficiency (92% for PT6521)
• Small Footprint (0.75 in², Suffix ‘P’)
• Output On/Off Standby Control
• Output Short-Circuit Protection
• Adjustable Output Voltage
• Soft Startup
• 16-pin Mount Option
(Suffixes L, M, Q, & F)
PT6520 Series
8-A 5-V/3.3-V Input Adjustable ISR
with Short-Circuit protection
SLTS104A
(Revised 1/25/2002)
Pin-Out Information
Pin
Function
1
Remote Sense
2
Do Not Connect
3
STBY*
4Vin
5Vin
6Vin
7
GND
8
GND
9
GND
10
GND
11
Vout
12
Vout
13
Vout
14
Vout Adjust
* For further information, see
application notes.
Description
These power modules are a series of
high performance, 8-A rated, Integrated
Switching Regulators (ISRs), housed in a
low cost 14-Pin SIP (Single In-line Pack-
age). Operating from either a 3.3V or 5V
standard power bus, the PT6520 series
produces a high-output, low-voltage
power source for the industry’s latest
high-speed, microprocessors, ASICs, &
DSPs. This allows for the easy integration
of these new low-voltage ICs into existing
3.3V or 5V systems without re-designing
the power supply.
The PT6520 series features an output
On/Off standby pin and output short-
circuit protection.
C
OUT
+
C
IN
+
LOAD
V
oADJ
V
IN
COM
V
OUT
COM
V
oSENSE
PT6520
11,12,13
14
7–10
4,5,6
3
1
Ordering Information
PT6521
¨ = 3.3 Volts
† PT6522
¨ = 1.5 Volts
† PT6523
¨ = 2.5 Volts
† PT6525
¨ = 2.1 Volts
† PT6526
¨ = 1.8 Volts
† PT6527
¨ = 1.2 Volts
† 3.3V Input Bus Capable
Note:
Back surface of
product is electrically
conductive
PT6520
PT Series Suffix (PT1234x )
Case/Pin
Order
Package
Configuration
Suffix
Code *
Vertical
P
(EED)
Horizontal
D
(EEA)
SMD
E
(EEC)
Horizontal, 2-Pin Tab
M
(EEM)
SMD, 2-Pin Tab
L
(EEL)
Horizontal, 2-Pin Ext Tab
Q
(EEQ)
SMD, 2-Pin Ext Tab
F
(EEF)
Vertical, Side Tab
R
(EEE)
Horizontal, Side Tab
G
(EEG)
SMD, Side Tab
B
(EEK)
* Previously known as package styles 400/410.
(Reference the applicable package code drawing for the
dimensions and PC board layout)


Similar Part No. - PT6521

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT6521B TI-PT6521B Datasheet
222Kb / 12P
8-A 5-V/3.3-V Input Adjustable ISR with Short-Circuit protection
PT6521D TI-PT6521D Datasheet
222Kb / 12P
8-A 5-V/3.3-V Input Adjustable ISR with Short-Circuit protection
PT6521E TI-PT6521E Datasheet
222Kb / 12P
8-A 5-V/3.3-V Input Adjustable ISR with Short-Circuit protection
PT6521ET TI-PT6521ET Datasheet
222Kb / 12P
8-A 5-V/3.3-V Input Adjustable ISR with Short-Circuit protection
PT6521F TI-PT6521F Datasheet
222Kb / 12P
8-A 5-V/3.3-V Input Adjustable ISR with Short-Circuit protection
More results

Similar Description - PT6521

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT6500 TI-PT6500 Datasheet
291Kb / 7P
8 AMP ADJUSTABLE ISR WITH SHORT-CIRCUIT PROTECTION
PT6510 TI-PT6510 Datasheet
432Kb / 19P
8-A 5-V/3.3-V Input Adjustable ISR with Short-Circuit protection
PTH04070W TI-PTH04070W Datasheet
402Kb / 15P
3-A, 3.3/5-V INPUT ADJUSTABLE SWITCHING REGULATOR
PT5406 TI-PT5406 Datasheet
315Kb / 16P
6-A 5-V/3.3-V Input Adjustable SWIFT Power Module
PT5502 TI-PT5502 Datasheet
174Kb / 2P
3-A 5-V/3.3-V Input Adjustable Integrated Switching Regulator
PT6520 TI-PT6520 Datasheet
222Kb / 12P
8-A 5-V/3.3-V Input Adjustable ISR with Short-Circuit protection
PTH04070W TI-PTH04070W_07 Datasheet
436Kb / 16P
3-A, 3.3/5-V INPUT ADJUSTABLE SWITCHING REGULATOR
PTH04070W TI-PTH04070W_15 Datasheet
380Kb / 17P
3-A, 3.3/5-V INPUT ADJUSTABLE SWITCHING REGULATOR
PT6447 TI1-PT6447 Datasheet
172Kb / 8P
6-A 5-V/3.3-V Input Adjustable Integrated Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com