Electronic Components Datasheet Search
  English  ▼

X  

PT6521 Datasheet(PDF) 3 Page - Texas Instruments

Part # PT6521
Description  8-A 5-V/3.3-V Input Adjustable ISR with Short-Circuit protection
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PT6521 Datasheet(HTML) 3 Page - Texas Instruments

  PT6521 Datasheet HTML 1Page - Texas Instruments PT6521 Datasheet HTML 2Page - Texas Instruments PT6521 Datasheet HTML 3Page - Texas Instruments PT6521 Datasheet HTML 4Page - Texas Instruments PT6521 Datasheet HTML 5Page - Texas Instruments PT6521 Datasheet HTML 6Page - Texas Instruments PT6521 Datasheet HTML 7Page - Texas Instruments PT6521 Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
For technical support and more information, see inside back cover or visit www.ti.com
Note A:
Characteristic data has been developed from actual products tested at 25°C. This data is considered typical data for the Converter.
Note B:
SOA curves represent the conditions at which internal components are at or below the manufacturer’s maximum operating temperatures
Typical Characteristics
PT6520 Series
8-A 5-V/3.3-V Input Adjustable ISR
with Short-Circuit protection
Characteristic Data; Vin =5.0V (See Note A)
Characteristic Data; Vin =3.3V (See Note A)
Efficiency vs Output Current
Efficiency vs Output Current
Power Dissipation vs Output Current
Power Dissipation Output Current
Safe Operating Area; 3.3V (See Note B)
Safe Operating Area; Vin =5V (See Note B)
0
5
10
15
20
25
30
35
40
0
123
45
678
Iout (A)
3.3V
2.5V
1.8V
1.2V
VOUT
0
1
2
3
4
5
0
1234
567
8
Iout (A)
1.2V
1.8V
2.5V
3.3V
VOUT
0
5
10
15
20
25
30
35
40
01
234
567
8
Iout (A)
2.5V
1.8V
1.2V
VOUT
Output Ripple vs Output Current
Output Ripple vs Output Current
0
1
2
3
4
5
0123456
78
Iout (A)
1.2V
1.8V
2.5V
VOUT
20
30
40
50
60
70
80
90
012345678
Iout (A)
200LFM
120LFM
60LFM
Nat conv
Airflow
40
50
60
70
80
90
100
012345678
Iout (A)
3.3V
2.5V
1.8V
1.2V
VOUT
40
50
60
70
80
90
100
012
345
678
Iout (A)
2.5V
1.8V
1.2V
VOUT
20
30
40
50
60
70
80
90
012345678
Iout (A)
200LFM
120LFM
60LFM
Nat conv
Airflow



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com