Electronic Components Datasheet Search
  English  ▼

X  

LP3927 Datasheet(PDF) 12 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LP3927
Description  Cellular/PCS System Power Management IC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP3927 Datasheet(HTML) 12 Page - National Semiconductor (TI)

Back Button LP3927 Datasheet HTML 8Page - National Semiconductor (TI) LP3927 Datasheet HTML 9Page - National Semiconductor (TI) LP3927 Datasheet HTML 10Page - National Semiconductor (TI) LP3927 Datasheet HTML 11Page - National Semiconductor (TI) LP3927 Datasheet HTML 12Page - National Semiconductor (TI) LP3927 Datasheet HTML 13Page - National Semiconductor (TI) LP3927 Datasheet HTML 14Page - National Semiconductor (TI) LP3927 Datasheet HTML 15Page - National Semiconductor (TI) LP3927 Datasheet HTML 16Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
VEXT Detect Start-Up/Shut Down
20037927
Note: Diagram indicates Open Drain IRQ tied to VDD.
*** = Internal signal
1.
VEXT goes active low.
2.
VEXT 32 msec de-bounce period.
3.
Delay between LDO1 and LDO2 enables.
4.
Both LDO1 and LDO2 outputs reach 95% of respective output voltage, start Reset timer.
5.
Reset delay.
6.
Period between Reset and PS_HOLD going high is not relevant since VEXT is low
7.
PS_HOLD goes low but LDOs continue to run since VEXT is low.
8.
PS_HOLD is low and VEXT goes high, RST pin goes low.
9.
Delay between RST going low and LDO2 disabled.
10. Delay between LDO2 and LDO1 disabled.
www.national.com
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com