Electronic Components Datasheet Search
  English  ▼

X  

ML620Q136B Datasheet(PDF) 28 Page - LAPIS Semiconductor Co., Ltd.

Part # ML620Q136B
Description  16-bit micro controller
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPIS [LAPIS Semiconductor Co., Ltd.]
Direct Link  http://www.lapis-semi.com/
Logo LAPIS - LAPIS Semiconductor Co., Ltd.

ML620Q136B Datasheet(HTML) 28 Page - LAPIS Semiconductor Co., Ltd.

Back Button ML620Q136B Datasheet HTML 24Page - LAPIS Semiconductor Co., Ltd. ML620Q136B Datasheet HTML 25Page - LAPIS Semiconductor Co., Ltd. ML620Q136B Datasheet HTML 26Page - LAPIS Semiconductor Co., Ltd. ML620Q136B Datasheet HTML 27Page - LAPIS Semiconductor Co., Ltd. ML620Q136B Datasheet HTML 28Page - LAPIS Semiconductor Co., Ltd. ML620Q136B Datasheet HTML 29Page - LAPIS Semiconductor Co., Ltd. ML620Q136B Datasheet HTML 30Page - LAPIS Semiconductor Co., Ltd. ML620Q136B Datasheet HTML 31Page - LAPIS Semiconductor Co., Ltd. ML620Q136B Datasheet HTML 32Page - LAPIS Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 34 page
background image
FEDL620Q130B-01
ML620Q131B/2B/3B/4B/5B/6B
28/34
AC Characteristics (I2C Bus Interface: Standard Mode 100kHz)
(VDD=1.6 to 5.5V, VSS =0V, Ta=−40 to +105°C, unless otherwise specified)
Parameter
Symbol
Condition
Rating
Unit
Min.
Typ.
Max.
SCL clock frequency
fSCL
0
100
kHz
SCL hold time
(start/restart condition)
tHD:STA
4.0
µs
SCL ”L” level time
tLOW
4.7
µs
SCL ”H” level time
tHIGH
4.0
µs
SCL setup time
(restart condition)
tSU:STA
4.7
µs
SDA hold time
tHD:DAT
0
µs
SDA setup time
tSU:DAT
0.25
µs
SDA setup time
(stop condition)
tSU:STO
4.0
µs
Bus-free time
tBUF
4.7
µs
AC Characteristics (I2C Bus Interface: Fast Mode 400kHz)
(VDD=1.6 to 5.5V, VSS =0V, Ta=−40 to +105°C, unless otherwise specified)
Parameter
Symbol
Condition
Rating
Unit
Min.
Typ.
Max.
SCL clock frequency
fSCL
0
400
kHz
SCL hold time
(start/restart condition)
tHD:STA
0.6
µs
SCL ”L” level time
tLOW
1.3
µs
SCL ”H” level time
tHIGH
0.6
µs
SCL setup time
(restart condition)
tSU:STA
0.6
µs
SDA hold time
tHD:DAT
0
µs
SDA setup time
tSU:DAT
0.1
µs
SDA setup time
(stop condition)
tSU:STO
0.6
µs
Bus-free time
tBUF
1.3
µs
Note:
Current drive ability of PA3, PA5, PB0 and PB6 in N-ch open drain mode is lower than that of PA0 and PB7.
Therefore, the fast mode (400kbps) cannot be available when PA5 or PB0 is set as SCL function and when PA3 or PB6 is set as
SDA function.
For more details, see the characteristics of VOL1 and VOL2 in DC Characteristics (VOHL, IOHL).
SCL
SDA
Start
condition
Restart
condition
Stop
condition
tBUF
tHD:STA
tLOW
tHIGH
tSU:STA tHD:STA
tSU:DAT
tHD:DAT
tSU:STO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com