Electronic Components Datasheet Search
  English  ▼

X  

ML9460 Datasheet(PDF) 1 Page - LAPIS Semiconductor Co., Ltd.

Part # ML9460
Description  Common Driver for Dot Matrix STN Liquid Crystal Display
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPIS [LAPIS Semiconductor Co., Ltd.]
Direct Link  http://www.lapis-semi.com/
Logo LAPIS - LAPIS Semiconductor Co., Ltd.

ML9460 Datasheet(HTML) 1 Page - LAPIS Semiconductor Co., Ltd.

  ML9460 Datasheet HTML 1Page - LAPIS Semiconductor Co., Ltd. ML9460 Datasheet HTML 2Page - LAPIS Semiconductor Co., Ltd. ML9460 Datasheet HTML 3Page - LAPIS Semiconductor Co., Ltd. ML9460 Datasheet HTML 4Page - LAPIS Semiconductor Co., Ltd. ML9460 Datasheet HTML 5Page - LAPIS Semiconductor Co., Ltd. ML9460 Datasheet HTML 6Page - LAPIS Semiconductor Co., Ltd. ML9460 Datasheet HTML 7Page - LAPIS Semiconductor Co., Ltd. ML9460 Datasheet HTML 8Page - LAPIS Semiconductor Co., Ltd. ML9460 Datasheet HTML 9Page - LAPIS Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
FEDL9460-01
Issue Date: Jan 29, 2009
ML9460
Common Driver for Dot Matrix STN Liquid Crystal Display
1/27
1. Product Overview
1.1
General Description
The ML9460 is a 240-output common driver for driving a dot matrix LCD panel.
It enables switching between 240 outputs and 200 outputs and 160 outputs and 120 outputs. The ML9460 is used
in combination with the segment driver ML9461B.
1.2
Features
 240-channel common driver
 Display duty: Up to 1/240
 LCD drive voltage: 43 V max.
 Operating voltage: 2.5 to 5.5 V
 Intermediate voltage Interface
 Built-in alternating signal generation circuit; pin programmable
 Built-in display OFF control circuit
 Can switch output modes: 240-output mode/200-output mode/160-output mode/120-output mode
 Clock cycle time: 245 ns min. @ 4.5 V 330 ns @ 2.5 V
 Package
Au Bump Chip
Product name: ML9460CVWA
TCP
Product name: ML9460ADVVA


Similar Part No. - ML9460

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ML9460 ETC2-ML9460 Datasheet
392Kb / 27P
Common Driver for Dot Matrix STN Liquid Crystal Display
More results

Similar Description - ML9460

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD66130T HITACHI-HD66130T Datasheet
64Kb / 16P
320-channel Low-voltage Segment Driver for Dot-Matrix STN Liquid Crystal Display
HD61203U HITACHI-HD61203U Datasheet
95Kb / 30P
(Dot Matrix Liquid Crystal Graphic Display 64-Channel Common Driver)
HD66710 HITACHI-HD66710 Datasheet
507Kb / 73P
(Dot Matrix Liquid Crystal Display Controller/Driver)
HD66712 HITACHI-HD66712 Datasheet
662Kb / 88P
Dot-Matrix Liquid Crystal Display Controller/Driver
logo
Integral Corp.
IN44780 INTEGRAL-IN44780 Datasheet
345Kb / 10P
DOT MATRIX LIQUID CRYSTAL DISPLAY CONTROLLER & DRIVER
IN44780U INTEGRAL-IN44780U Datasheet
190Kb / 10P
DOT MATRIX LIQUID CRYSTAL DISPLAY CONTROLLER & DRIVER
logo
KODENSHI_AUK CORP.
KK44780 KODENSHI-KK44780 Datasheet
366Kb / 10P
DOT MATRIX LIQUID CRYSTAL DISPLAY CONTROLLER & DRIVER
logo
Hitachi Semiconductor
HD61203U HITACHI-HD61203U_1 Datasheet
170Kb / 29P
Dot Matrix Liquid Crystal Graphic Display 64-Channel Common Driver
logo
List of Unclassifed Man...
ML9460 ETC2-ML9460 Datasheet
392Kb / 27P
Common Driver for Dot Matrix STN Liquid Crystal Display
FEDL9460-01 ETC2-FEDL9460-01 Datasheet
259Kb / 27P
Common Driver for Dot Matrix STN Liquid Crystal Display
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com