| Electronic Components Datasheet Search |
|
ML9460 Datasheet(PDF) 2 Page - LAPIS Semiconductor Co., Ltd. |
|
|
|||||||||||||||||||||||||||||
ML9460 Datasheet(HTML) 2 Page - LAPIS Semiconductor Co., Ltd. |
|
2 / 27 page ![]() FEDL9460-01 LAPIS Semiconductor ML9460 2/27 2. Pin Description 2.1 Pin Description Pin name I/O Polarity Descripiton Initial value Handling when not used Attribute Remarks VDD — — Logic power supply pin — — Power VSS — — Logic power supply pin — — VSS V2L V2R — — Power supply pins for liquid crystal drive level output. Selective level. — — Power V2L and V2R are connected internally with each other. MV2L MV2R — — Power supply pins for liquid crystal drive level output. Selective level. — — Power MV2L and MV2R are connected internally with each other. VCL VCR — — Power supply pins for liquid crystal drive level output. Nonselective level. — — Power VCL and VCR are connected internally with each other. YSCL I Shift clock input pin. Data is shifted in on the falling edge of the shift clock YSCL of the shift register. Low — CLK FR I/O — Input-output pin for alternating signal for liquid crystal drive output Low — Digital See Sections 4.1.1, “Liquid Crystal Drive Circuit,” and 4.2.1, “Timing of Connection with the Segment Driver.” FRWS0 FRWS1 FRWS2 FRWS3 FRWS4 I — Alternating signal (FR signal) period setting pins. Specify the number of lines with an integer from 2 to 31. For operation using an external alternating signal, set the number of lines to 0. Tied High or Low — Digital See Sections 4.1.4, “Alternating Signal Generation Circuit.” SEL1 SEL2 I — Liquid crystal drive output pin switching pins Tied High or Low — Digital See Sections 4.1.1, “Liquid Crystal Drive Circuit,” and 4.1.3, “Bidirectional Shift Register.” DIO1 DIO2 I/O — Serial I/O (shift register data input-output) pins Tied High or Low — Digital See Section 4.1.3, “Bidirectional Shift Register.” FRRES I Negative Pin for initializing the counter for the alternating signal generation circuit. Setting this pin to “L” level sets initializes the altemating signal(FR signal) circuit. A “H” level FRRES is normally used. Low — Digital DSPOF I Negative A “L” level on this pin sets each of the liquid crystal drive outputs O1–O240 to the VC level. No internal register will be cleared. Low — Digital DSPMS I — Pin for selecting the method of processing the DSPOF signal internally Tied High or Low — Digital See Section 4.1.5, “Control Circuit.” |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |