Electronic Components Datasheet Search
  English  ▼

X  

ML610409 Datasheet(PDF) 11 Page - LAPIS Semiconductor Co., Ltd.

Part # ML610409
Description  8-bit Microcontroller with a Built-in LCD driver
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPIS [LAPIS Semiconductor Co., Ltd.]
Direct Link  http://www.lapis-semi.com/
Logo LAPIS - LAPIS Semiconductor Co., Ltd.

ML610409 Datasheet(HTML) 11 Page - LAPIS Semiconductor Co., Ltd.

Back Button ML610409 Datasheet HTML 7Page - LAPIS Semiconductor Co., Ltd. ML610409 Datasheet HTML 8Page - LAPIS Semiconductor Co., Ltd. ML610409 Datasheet HTML 9Page - LAPIS Semiconductor Co., Ltd. ML610409 Datasheet HTML 10Page - LAPIS Semiconductor Co., Ltd. ML610409 Datasheet HTML 11Page - LAPIS Semiconductor Co., Ltd. ML610409 Datasheet HTML 12Page - LAPIS Semiconductor Co., Ltd. ML610409 Datasheet HTML 13Page - LAPIS Semiconductor Co., Ltd. ML610409 Datasheet HTML 14Page - LAPIS Semiconductor Co., Ltd. ML610409 Datasheet HTML 15Page - LAPIS Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 34 page
background image
FEDL610409-08
ML610407/ML610408/ML610409
11/34
Primary function
Secondary function or Tertiary function
PIN
No.
PAD
No.
Pin name
I/O
Function
Secondary
/Tertiary
Pin name
I/O
Function
Secondary
⎯
⎯
⎯
5
4
P40
I/O
Input/output port
Tertiary
SIN0
I
SSIO0 data input
Secondary
⎯
⎯
⎯
6
5
P41
I/O
Input/output port
Tertiary
SCK0
I/O
SSIO0 synchronous clock
input/output
Secondary
RXD0
I
UART data input
7
6
P42
I/O
Input/output port
Tertiary
SOUT0
O
SSIO0 data output
Secondary
TXD0
O
UART data output
8
7
P43
I/O
Input/output port
Tertiary
PWM0
O
PWM0 output
Secondary
IN1
I
RC type ADC1 oscillation input
pin
9
8
P44/
T02P0CK
I/O
Input/output port,
Timer 0/Timer 2/PWM0 external
clock input
Tertiary
SIN0
I
SSIO0 data input
Secondary
CS1
O
RC type ADC1 reference
capacitor connection pin
10
9
P45/T13CK
I/O
Input/output port,
Timer 1/Timer 3 external clock
input
Tertiary
SCK0
I/O
SSIO0 synchronous clock
input/output
Secondary
RS1
O
RC type ADC1 reference
resistor connection pin
11
10
P46
I/O
Input/output port
Tertiary
SOUT0
O
SSIO0 data output
12
11
P47
I/O
Input/output port
Secondary
RT1
O
RC type ADC1 measurement
resistor sensor connection pin
Secondary
MD0
O
Melody 0 output
4
3
P50/EXI8
I/O
Input/output port,
External interrupt
Tertiary
SIN1
I
SSIO1 data input
Secondary
⎯
⎯
⎯
3
2
P51/EXI8
I/O
Input/output port,
External interrupt
Tertiary
SCK1
I/O
SSIO1 synchronous clock
input/output
Secondary
⎯
⎯
⎯
2
1
P52/EXI8
I/O
Input/output port,
External interrupt
Tertiary
SOUT1
O
SSIO1 data output
97
86
P53/EXI8
I/O
Input/output port,
External interrupt
⎯
⎯
⎯
⎯
Secondary
⎯
⎯
⎯
96
85
P54/EXI8
I/O
Input/output port,
External interrupt
Tertiary
SIN1
I
SSIO1 data input
Secondary
⎯
⎯
⎯
95
84
P55/EXI8
I/O
Input/output port,
External interrupt
Tertiary
SCK1
I/O
SSIO1 synchronous clock
input/output
Secondary
⎯
⎯
⎯
94
83
P56/EXI8
I/O
Input/output port,
External interrupt
Tertiary
SOUT1
O
SSIO1 data output
93
82
P57/EXI8
I/O
Input/output port,
External interrupt
⎯
⎯
⎯
⎯



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com