Electronic Components Datasheet Search
  English  ▼

X  

ML610409 Datasheet(PDF) 21 Page - LAPIS Semiconductor Co., Ltd.

Part # ML610409
Description  8-bit Microcontroller with a Built-in LCD driver
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPIS [LAPIS Semiconductor Co., Ltd.]
Direct Link  http://www.lapis-semi.com/
Logo LAPIS - LAPIS Semiconductor Co., Ltd.

ML610409 Datasheet(HTML) 21 Page - LAPIS Semiconductor Co., Ltd.

Back Button ML610409 Datasheet HTML 17Page - LAPIS Semiconductor Co., Ltd. ML610409 Datasheet HTML 18Page - LAPIS Semiconductor Co., Ltd. ML610409 Datasheet HTML 19Page - LAPIS Semiconductor Co., Ltd. ML610409 Datasheet HTML 20Page - LAPIS Semiconductor Co., Ltd. ML610409 Datasheet HTML 21Page - LAPIS Semiconductor Co., Ltd. ML610409 Datasheet HTML 22Page - LAPIS Semiconductor Co., Ltd. ML610409 Datasheet HTML 23Page - LAPIS Semiconductor Co., Ltd. ML610409 Datasheet HTML 24Page - LAPIS Semiconductor Co., Ltd. ML610409 Datasheet HTML 25Page - LAPIS Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 34 page
background image
FEDL610409-08
ML610407/ML610408/ML610409
21/34
DC Characteristics (2/5)
(VDD=1.25 to 3.6V, VSS=0V, Ta=-20 to +70°C, Ta=-40 to +85°C for P version, unless otherwise specified)
Rating
Parameter
Symbol
Condition
Min.
Typ.
Max.
Unit
Measur
ement
circuit
fop=30k to 625kHz
1.1
1.2
1.3
VDDL voltage
VDDL
fop=30k to 2.5MHz
1.35
1.5
1.65
V
VDDL temperature
deviation *1
∆VDDL
VDD=3.0V
―
-1
―
mV/°C
VDDL voltage
dependency *1
∆VDDL
―
―
5
20
mV/V
1
*
1: The maximum VDDL voltage becomes the VDD voltage level when the VDDL voltage determined by the temperature and voltage
deviations mathematically exceeds the VDD voltage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com