Electronic Components Datasheet Search
  English  ▼

X  

ML610409 Datasheet(PDF) 13 Page - LAPIS Semiconductor Co., Ltd.

Part # ML610409
Description  8-bit Microcontroller with a Built-in LCD driver
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPIS [LAPIS Semiconductor Co., Ltd.]
Direct Link  http://www.lapis-semi.com/
Logo LAPIS - LAPIS Semiconductor Co., Ltd.

ML610409 Datasheet(HTML) 13 Page - LAPIS Semiconductor Co., Ltd.

Back Button ML610409 Datasheet HTML 9Page - LAPIS Semiconductor Co., Ltd. ML610409 Datasheet HTML 10Page - LAPIS Semiconductor Co., Ltd. ML610409 Datasheet HTML 11Page - LAPIS Semiconductor Co., Ltd. ML610409 Datasheet HTML 12Page - LAPIS Semiconductor Co., Ltd. ML610409 Datasheet HTML 13Page - LAPIS Semiconductor Co., Ltd. ML610409 Datasheet HTML 14Page - LAPIS Semiconductor Co., Ltd. ML610409 Datasheet HTML 15Page - LAPIS Semiconductor Co., Ltd. ML610409 Datasheet HTML 16Page - LAPIS Semiconductor Co., Ltd. ML610409 Datasheet HTML 17Page - LAPIS Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 34 page
background image
FEDL610409-08
ML610407/ML610408/ML610409
13/34
PIN DESCRIPTION
Pin name
I/O
Description
Primary/
Secondary/
Tertiary
Logic
System
RESET_N
I
Reset input pin. When this pin is set to a “L” level, system reset
mode is set and the internal section is initialized. When this pin is
set to a “H” level subsequently, program execution starts. A pull-up
resistor is internally connected.
—
Negative
XT0
I
—
—
XT1
O
Crystal connection pin for low-speed clock.
A 32.768 kHz crystal resonator is connected to this pin. Capacitors
CDL and CGL are connected across this pin and VSS. (see appendix
C measuring circuit 1)
—
—
LSCLK
O Low-speed clock output. Assigned to the secondary function of the
P20 pin.
Secondary
—
OUTCLK
O High-speed clock output pin. This pin is used as the secondary
function of the P21 pin.
Secondary
—
General-purpose input port
P00 to P04
I
General-purpose input port.
Primary
Positive
General-purpose output port
P20 to P22,
P24
O General-purpose output port.
This cannot be used as the general output port when used as the
secondary function.
Primary
Positive
General-purpose input/output port
P30 to P35
I/O General-purpose input/output port.
This cannot be used as the general input/output port when used as
the secondary function.
Primary
Positive
P40 to P47
I/O General-purpose input/output port.
This cannot be used as the general input/output port when used as
the secondary or tertiary function.
Primary
Positive
P50 to P57
I/O General-purpose input/output port.
This cannot be used as the general input/output port when used as
the secondary function.
Primary
Positive
P60 to P63
O General-purpose output port.
Incorporated only into ML610407/8, and not into ML610409.
Primary
Positive
P64 to P67
O General-purpose output port.
Incorporated only into ML610407, and not into ML610408/
ML610409.
Primary
Positive



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com