Electronic Components Datasheet Search
  English  ▼

X  

SIS413DN Datasheet(PDF) 5 Page - Vishay Siliconix

Part # SIS413DN
Description  P-Channel 30 V (D-S) MOSFET
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIS413DN Datasheet(HTML) 5 Page - Vishay Siliconix

  SIS413DN Datasheet HTML 1Page - Vishay Siliconix SIS413DN Datasheet HTML 2Page - Vishay Siliconix SIS413DN Datasheet HTML 3Page - Vishay Siliconix SIS413DN Datasheet HTML 4Page - Vishay Siliconix SIS413DN Datasheet HTML 5Page - Vishay Siliconix SIS413DN Datasheet HTML 6Page - Vishay Siliconix SIS413DN Datasheet HTML 7Page - Vishay Siliconix SIS413DN Datasheet HTML 8Page - Vishay Siliconix SIS413DN Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
Vishay Siliconix
SiS413DN
Document Number: 63262
S13-0632-Rev. A, 25-Mar-13
www.vishay.com
5
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
For technical questions, contact: pmostechsupport@vishay.com
MOSFET TYPICAL CHARACTERISTICS (25 °C, unless otherwise noted)
* The power dissipation PD is based on TJ(max.) = 150 °C, using junction-to-case thermal resistance, and is more useful in settling the upper
dissipation limit for cases where additional heatsinking is used. It is used to determine the current rating, when this rating falls below the package
limit.
Current Derating*
0
14
28
42
56
70
0
25
50
75
100
125
150
T
C - Case Temperature (
°C)
Limited by Package
Power, Junction-to-Case
0
13
26
39
52
65
0
255075
100
125
150
TC - Case Temperature (°C)
Power, Junction-to-Ambient
0.0
0.4
0.8
1.2
1.6
2.0
0
25
50
75
100
125
150
TA - Ambient Temperature (°C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com