Electronic Components Datasheet Search
  English  ▼

X  

SIS413DN Datasheet(PDF) 1 Page - Vishay Siliconix

Part # SIS413DN
Description  P-Channel 30 V (D-S) MOSFET
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIS413DN Datasheet(HTML) 1 Page - Vishay Siliconix

  SIS413DN Datasheet HTML 1Page - Vishay Siliconix SIS413DN Datasheet HTML 2Page - Vishay Siliconix SIS413DN Datasheet HTML 3Page - Vishay Siliconix SIS413DN Datasheet HTML 4Page - Vishay Siliconix SIS413DN Datasheet HTML 5Page - Vishay Siliconix SIS413DN Datasheet HTML 6Page - Vishay Siliconix SIS413DN Datasheet HTML 7Page - Vishay Siliconix SIS413DN Datasheet HTML 8Page - Vishay Siliconix SIS413DN Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
Vishay Siliconix
SiS413DN
Document Number: 63262
S13-0632-Rev. A, 25-Mar-13
www.vishay.com
1
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
For technical questions, contact: pmostechsupport@vishay.com
P-Channel 30 V (D-S) MOSFET
FEATURES
•
TrenchFET® Power MOSFET
•100% Rg and UIS Tested
•
Material categorization:
For definitions of compliance please see
www.vishay.com/doc?99912
APPLICATIONS
• Adaptor Switch
•
Load Switch
•
Power Management
•
Mobile Computing
Notes:
a. Surface mounted on 1" x 1" FR4 board.
b. t = 10 s.
c. Maximum under steady state conditions is 81 °C/W.
d. Package limited.
e. See solder profile (www.vishay.com/doc?73257). The PowerPAK 1212-8 is a leadless package. The end of the lead terminal is exposed cop-
per (not plated) as a result of the singulation process in manufacturing. A solder fillet at the exposed copper tip cannot be guaranteed and is
not required to ensure adequate bottom side solder interconnection.
f. Rework conditions: manual soldering with a soldering iron is not recommended for leadless components.
PRODUCT SUMMARY
VDS (V)
RDS(on) () Max.
ID (A)
Qg (Typ.)
- 30
0.0094 at VGS = - 10 V
- 18d
35.4 nC
0.0132 at VGS = - 4.5 V
- 18d
1
2
3
4
5
6
7
8
S
S
S
G
D
D
D
D
3.30 mm
3.30 mm
PowerPAK® 1212-8
Bottom View
Ordering Information:
SiS413DN-T1-GE3 (Lead (Pb)-free and Halogen-free)
S
G
D
P-Channel MOSFET
ABSOLUTE MAXIMUM RATINGS (TA = 25 °C, unless otherwise noted)
Parameter
Symbol
Limit
Unit
Drain-Source Voltage
VDS
- 30
V
Gate-Source Voltage
VGS
± 20
Continuous Drain Current (TJ = 150 °C)
TC = 25 °C
ID
- 18d
A
TC = 70 °C
- 18d
TA = 25 °C
- 14.7a, b
TA = 70 °C
- 11.7a, b
Pulsed Drain Current (t = 300 µs)
IDM
- 70
Continuous Source-Drain Diode Current
TC = 25 °C
IS
- 18d
TA = 25 °C
- 3a, b
Avalanche Current
L = 0.1 mH
IAS
- 20
Single-Pulse Avalanche Energy
EAS
20
mJ
Maximum Power Dissipation
TC = 25 °C
PD
52
W
TC = 70 °C
33
TA = 25 °C
3.7a, b
TA = 70 °C
2.4a, b
Operating Junction and Storage Temperature Range
TJ, Tstg
- 55 to 150
°C
Soldering Recommendations (Peak Temperature)e, f
260
THERMAL RESISTANCE RATINGS
Parameter
Symbol
Typical
Maximum
Unit
Maximum Junction-to-Ambienta, c
t
10 s
RthJA
26
33
°C/W
Maximum Junction-to-Case
Steady State
RthJC
1.9
2.4


Similar Part No. - SIS413DN

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIS413DN VISHAY-SIS413DN_V01 Datasheet
546Kb / 13P
P-Channel 30 V (D-S) MOSFET
25-Mar-13
More results

Similar Description - SIS413DN

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI4835BDY VISHAY-SI4835BDY_05 Datasheet
90Kb / 6P
P-Channel 30-V (D-S) MOSFET
25-Oct-04
SI6435ADQ VISHAY-SI6435ADQ_08 Datasheet
94Kb / 5P
P-Channel 30-V (D-S) MOSFET
31-Mar-08
SI2303CDS VISHAY-SI2303CDS Datasheet
130Kb / 7P
P-Channel 30-V (D-S) MOSFET
14-Apr-08
logo
Analog Power
AM3933P ANALOGPOWER-AM3933P Datasheet
121Kb / 3P
P-Channel 30-V (D-S) MOSFET
AM7333PE ANALOGPOWER-AM7333PE Datasheet
347Kb / 5P
P-Channel 30-V (D-S) MOSFET
AM4953P ANALOGPOWER-AM4953P Datasheet
366Kb / 5P
P-Channel 30-V (D-S) MOSFET
AM90P03-02P ANALOGPOWER-AM90P03-02P Datasheet
60Kb / 2P
P-Channel 30-V (D-S) MOSFET
logo
Vishay Siliconix
SI4435DDY VISHAY-SI4435DDY Datasheet
279Kb / 10P
P-Channel 30-V (D-S) MOSFET
18-May-09
SI4435DDY-T1-GE3 VISHAY-SI4435DDY-T1-GE3 Datasheet
279Kb / 10P
P-Channel 30-V (D-S) MOSFET
18-May-09
SI7121DN VISHAY-SI7121DN Datasheet
552Kb / 13P
P-Channel 30-V (D-S) MOSFET
23-Jun-08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com