Electronic Components Datasheet Search
  English  ▼

X  

VCT3834A Datasheet(PDF) 23 Page - Micronas

Part # VCT3834A
Description  Video/Controller/Teletext IC Family
PDF  172 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

VCT3834A Datasheet(HTML) 23 Page - Micronas

Back Button VCT3834A Datasheet HTML 19Page - Micronas VCT3834A Datasheet HTML 20Page - Micronas VCT3834A Datasheet HTML 21Page - Micronas VCT3834A Datasheet HTML 22Page - Micronas VCT3834A Datasheet HTML 23Page - Micronas VCT3834A Datasheet HTML 24Page - Micronas VCT3834A Datasheet HTML 25Page - Micronas VCT3834A Datasheet HTML 26Page - Micronas VCT3834A Datasheet HTML 27Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 172 page
background image
ADVANCE INFORMATION
VCT 38xxA
Micronas
23
2.10.12.Priority Decoder
The priority decoder selects the picture source
depending on the programmed priorities. Up to eight
levels can be selected for OSD and the picture frame –
where 0 is the highest. The video source always has
the lowest priority. A 5-bit information is attached to
each priority (see Table 2–4 on page 34). These bits
are programmable via the I2C bus and have the follow-
ing meanings:
– one of two contrast, brightness and matrix values for
main and side picture
– RGB from video signal or color look-up table
– disable/enable black-level expander
– disable/enable peaking transient suppression when
signal is switched
– disable/enable analog Fast-Blank input
2.10.13.Scan Velocity Modulation
The RGB input signal of the SVM is converted to Y in a
simple matrix. Then the Y signal is differentiated by a
filter of the transfer function 1-Z-N, where N is program-
mable from 1 to 6. With a coring, some noise can be
suppressed. This is followed by a gain adjustment and
an adjustable limiter. The analog output signal is gen-
erated by an 8-bit D/A converter.
The signal delay can be adjusted by
±3.5 clocks in
half-clock steps. For the gain and filter adjustment
there are two parameter sets. The switching between
these two sets is done with the same RGB switch sig-
nal that is used for switching between video-RGB and
OSD-RGB for the RGB outputs (see Fig. 2–17).
Fig. 2–17: SVM Block diagram
2.10.14.Display Phase Shifter
A phase shifter is used to partially compensate the
phase differences between the video source and the
flyback signal. By using the described clock system,
this phase shifter works with an accuracy of approxi-
mately 1 ns. It has a range of 1 clock period which is
equivalent to
±24.7 ns at 20.25 MHz. The large
amount of phase shift (full clock periods) is realized in
the front-end circuit.
N1
N2
Coring
Gain1
Gain2
Limiter
Limit
Delay
RGB Switch
RGB
Matrix and
Shaping
Modulation
Notch
Differen-
tiator
1-Z-Nx
Coring
adjustment
Gain
adjustment
Delay
adjustment
D/A
Converter
Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com