Electronic Components Datasheet Search
  English  ▼

X  

MF10 Datasheet(PDF) 14 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # MF10
Description  Universal Monolithic Dual Switched Capacitor Filter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

MF10 Datasheet(HTML) 14 Page - National Semiconductor (TI)

Back Button MF10 Datasheet HTML 10Page - National Semiconductor (TI) MF10 Datasheet HTML 11Page - National Semiconductor (TI) MF10 Datasheet HTML 12Page - National Semiconductor (TI) MF10 Datasheet HTML 13Page - National Semiconductor (TI) MF10 Datasheet HTML 14Page - National Semiconductor (TI) MF10 Datasheet HTML 15Page - National Semiconductor (TI) MF10 Datasheet HTML 16Page - National Semiconductor (TI) MF10 Datasheet HTML 17Page - National Semiconductor (TI) MF10 Datasheet HTML 18Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
30 Applications Information (Continued)
to 1 by choosing R4A such that R4A ebHOLPA R1A e
R1A e 20k If the 50100CL pin is connected to mid-sup-
ply for nominal 1001 clock-to-center-frequency ratio we
find R2A by
R2A e R4A
f0A2
(fCLK 100)2
e
2 c 104 c
(529)2
(1000)2
e
56k and
R3A e QA
0R2AR4A e 0785 056 c 103 c 2 c 104 e 83k
The resistors for the second section are found in a similar
fashion
R1B e 20k
R4B e R1B e 20k
R2B e R4B
f0B2
(fCLK 100)2
e
20k
(993)2
(1000)2
e
197k
R3B e QB
0R2BR4B e 35590197c104c2c104 e 706k
The complete circuit is shown in
Figure 16 for split g5V
power supplies Supply bypass capacitors are highly recom-
mended
TLH10399 – 25
FIGURE 16 Fourth-Order Chebyshev Low-Pass Filter from Example in 31
g
5V Power Supply 0V – 5V TTL or b5V g5V CMOS Logic Levels
TLH10399 – 26
FIGURE 17 Fourth-Order Chebyshev Low-Pass Filter from Example in 31
Single a10V Power Supply 0V – 5V TTL Logic Levels Input Signals
Should be Referred to Half-Supply or Applied through a Coupling Capacitor
14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com