Electronic Components Datasheet Search
  English  ▼

X  

SIE804DF Datasheet(PDF) 4 Page - Vishay Siliconix

Part # SIE804DF
Description  N-Channel 150-V (D-S) MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIE804DF Datasheet(HTML) 4 Page - Vishay Siliconix

  SIE804DF Datasheet HTML 1Page - Vishay Siliconix SIE804DF Datasheet HTML 2Page - Vishay Siliconix SIE804DF Datasheet HTML 3Page - Vishay Siliconix SIE804DF Datasheet HTML 4Page - Vishay Siliconix SIE804DF Datasheet HTML 5Page - Vishay Siliconix SIE804DF Datasheet HTML 6Page - Vishay Siliconix SIE804DF Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
www.vishay.com
4
Document Number: 69091
S09-0143-Rev. A, 02-Feb-09
Vishay Siliconix
SiE804DF
New Product
TYPICAL CHARACTERISTICS 25 °C, unless otherwise noted
Source-Drain Diode Forward Voltage
Threshold Voltage
0.1
1
10
100
0.0
0.2
0.4
0.6
0.8
1.0
TJ = 150 °C
TJ = 25 °C
VGS - Gate-to-Source Voltage (V)
1.0
1.5
2.0
2.5
3.0
- 50
- 25
0
25
50
75
100
125
150
ID = 250 µA
TJ - Temperature (°C)
On-Resistance vs. Gate-to-Source Voltage
Single Pulse Power, Junction-to-Ambient
0.02
0.04
0.06
0.08
0.10
012
3
45
67
8
910
TJ =25 °C
TJ = 125 °C
ID =7.6 A
VGS - Gate-to-Source Voltage (V)
0
30
50
10
20
Time (s)
40
10
1000
1
0.1
0.01
100
Safe Operating Area, Junction-to-Ambient
0.01
0.1
1.0
10
100
1000
100
1
0.01
0.1
1ms
10 ms
1s
10
TA = 25 °C
Single Pulse
Limited byRDS(on)*
DC
10 s
100 µs
BVDSS Limited
100 ms
VDS - Drain-to-Source Voltage (V)
* VGS > minimum VGS at which RDS(on) is specified



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com