Electronic Components Datasheet Search
  English  ▼

X  

AD5162 Datasheet(PDF) 16 Page - Analog Devices

Part # AD5162
Description  Dual 256-Position SPI Digital Potentiometer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5162 Datasheet(HTML) 16 Page - Analog Devices

Back Button AD5162 Datasheet HTML 12Page - Analog Devices AD5162 Datasheet HTML 13Page - Analog Devices AD5162 Datasheet HTML 14Page - Analog Devices AD5162 Datasheet HTML 15Page - Analog Devices AD5162 Datasheet HTML 16Page - Analog Devices AD5162 Datasheet HTML 17Page - Analog Devices AD5162 Datasheet HTML 18Page - Analog Devices AD5162 Datasheet HTML 19Page - Analog Devices AD5162 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
AD5162
Rev. A | Page 16 of 20
SPI INTERFACE
SPI COMPATIBLE 3-WIRE SERIAL BUS
The AD5162 contains a 3-wire SPI compatible digital interface
(SDI, CS, and CLK). The 9-bit serial word must be loaded MSB
first. The format of the word is shown in Table 8.
The positive-edge sensitive CLK input requires clean transitions
to avoid clocking incorrect data into the serial input register.
Standard logic families work well. If mechanical switches are
used for product evaluation, they should be debounced by a
flip-flop or other suitable means. When CS is low, the clock
loads data into the serial register on each positive clock edge
(see Figure 42).
The data setup and data hold times in the specification table
determine the valid timing requirements. The AD5162 uses a
9-bit serial input data register word that is transferred to the
internal RDAC register when the CS line returns to logic high.
Extra MSB bits are ignored.
Table 8. Serial Data-Word Format
B8
B7
B6
B5
B4
B3
B2
B1
B0
A0
D7
D6
D5
D4
D3
D2
D1
D0
MSB
LSB
28
27
20
SDI
CLK
CS
VOUT
RDAC REGISTER LOAD
A0
D7
D6
D5
D4
D3
D2
D1
D0
0
1
0
1
0
0
1
1
Figure 42. SPI Interface Timing Diagram
(VA = 5 V, VB = 0 V, VW = VOUT
)
tCSHO
tCSS
tCL
tCH
tDS
tCSW
tS
tCS1
tCSH1
tCH
CLK
CS
VOUT
1
0
1
0
1
0
VDD
0
±1LSB
SDI
(DATA IN)
Dx
Dx
Figure 43. SPI Interface Detailed Timing Diagram (VA = 5 V, VB = 0 V, VW = VOUT
)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com